Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 28Page - STMicroelectronics STR755FV2T6 Datasheet HTML 29Page - STMicroelectronics STR755FV2T6 Datasheet HTML 30Page - STMicroelectronics STR755FV2T6 Datasheet HTML 31Page - STMicroelectronics STR755FV2T6 Datasheet HTML 32Page - STMicroelectronics STR755FV2T6 Datasheet HTML 33Page - STMicroelectronics STR755FV2T6 Datasheet HTML 34Page - STMicroelectronics STR755FV2T6 Datasheet HTML 35Page - STMicroelectronics STR755FV2T6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Electrical parameters
STR750F
32/71
3.2.2
Current characteristics
3.2.3
Thermal characteristics
Table 7.
Current characteristics
Symbol
Ratings
Maximum
value
Unit
IVDD_IO
(1)
1.
The user can use GPIOs to source or sink high current (up to 20 mA for O8 type High Sink I/Os). In this
case, the user must ensure that these absolute max. values are not exceeded (taking into account the
RUN power consumption) and must follow the rules described in Section 3.3.8: I/O port pin characteristics
on page 53.
Total current into VDD_IO power lines (source)
(2)
2.
All 3.3 V or 5.0 V power (VDD_IO, VDDA_ADC, VDDA_PLL) and ground (VSS_IO, VSSA_ADC, VDDA_ADC) pins
must always be connected to the external 3.3V or 5.0V supply.
150
mA
IVSS_IO
(1)
Total current out of VSS ground lines (sink)
(2)
150
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
- 25
IINJ(PIN)
(3) & (4)
3.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS.
4.
Negative injection disturbs the analog performance of the device. See note in Section 3.3.12: 10-bit ADC
characteristics on page 64.
Injected current on NRSTIN pin
± 5
Injected current on XT1 and XT2 pins
± 5
Injected current on any other pin (5)
5.
When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
± 5
ΣIINJ(PIN)(3)
Total injected current (sum of all I/O and control pins) (5)
± 25
Table 8.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Section 4.2: Thermal characteristics on
page 70)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com