Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 4 Page - STMicroelectronics

  STR755FV2T6 Datasheet HTML 1Page - STMicroelectronics STR755FV2T6 Datasheet HTML 2Page - STMicroelectronics STR755FV2T6 Datasheet HTML 3Page - STMicroelectronics STR755FV2T6 Datasheet HTML 4Page - STMicroelectronics STR755FV2T6 Datasheet HTML 5Page - STMicroelectronics STR755FV2T6 Datasheet HTML 6Page - STMicroelectronics STR755FV2T6 Datasheet HTML 7Page - STMicroelectronics STR755FV2T6 Datasheet HTML 8Page - STMicroelectronics STR755FV2T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
Introduction
STR750F
4/71
1
Introduction
This Datasheet contains the description of the STR750 family features, pinout, Electrical
Characteristics, Mechanical Data and Ordering information.
For complete information on the Microcontroller memory, registers and peripherals. Please
refer to the STR750 Reference Manual.
For information on the ARM7TDMI-S core please refer to the ARM7TDMI-S Technical
Reference Manual available from Arm Ltd.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STR7 Flash Programming Reference Manual
For information on third-party development tools, please refer to the http://www.st.com/mcu
website.
Table 1.
Device summary
Features
STR755FRx
STR751FRx
STR752FRx
STR755FVx STR750FVx
Flash - Bank 0
(bytes)
64K/128K/256K
Flash - Bank 1
(bytes)
16K RWW
RAM (bytes)
16K
Operating Temp.
-40 to +85°C / -40 to +105°C (see Table 44)
Common Peripherals
3 UARTs, 2 SSPs, 1 I2C, 3 timers 1 PWM timer,
38 I/Os 13 Wake-up lines, 11 A/D Channels
3 UARTs, 2 SSPs, 1 I2C,
3 timers 1 PWM timer, 72
I/Os 15 Wake-up lines, 16
A/D Channels
USB/CAN
peripherals
None
USB
CAN
None
USB+CAN
Operating Voltage
3.3V or 5V
3.3V
3.3V or 5V
Packages (x)
T=LQFP64 10x10, H=LFBGA64
T=LQFP100 14x14,
H=LFBGA100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com