Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 13Page - STMicroelectronics STR755FV2T6 Datasheet HTML 14Page - STMicroelectronics STR755FV2T6 Datasheet HTML 15Page - STMicroelectronics STR755FV2T6 Datasheet HTML 16Page - STMicroelectronics STR755FV2T6 Datasheet HTML 17Page - STMicroelectronics STR755FV2T6 Datasheet HTML 18Page - STMicroelectronics STR755FV2T6 Datasheet HTML 19Page - STMicroelectronics STR755FV2T6 Datasheet HTML 20Page - STMicroelectronics STR755FV2T6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
STR750F
Pin Description
17/71
27
J1
18
G1
P0.11 /
UART0_TX /
BOOT1 /
SMI_CS2
I/O
TT
X
XO4
X
X
Port
0.11/Boot
mode
selection
input 1
UART0: Transmit
data output
Serial Memory
Interface: chip
select output 2
28
K1
19
H1
P0.10 /
UART0_RX /
SMI_CS3
I/O
TT
X
XEIT4
O2
X
X
Port 0.10
UART0: Receive
Data input
Serial Memory
Interface: chip
select output 3
29
K2
20
H2
P0.09 / I2C_SDA
I/O
TT
X
XO4
X
X
Port 0.09
I2C: Serial Data
30
K3
21
H3
P0.08 / I2C_SCL
I/O
TT
X
XEIT3
O4
X
X
Port 0.08
I2C: Serial clock
31
H4
P2.19
I/O
TT
X
XO2
X
X
Port 2.19
32
H5
P2.18
I/O
TT
X
XO2
X
X
Port 2.18
33
H6
P2.17 /
UART2_RTS
I/O
TT
X
XO2
X
X
Port 2.17
UART2: Ready To Send output(2)
34
J3
22
G3
P1.11
/UART0_RTS
ADC_IN12
I/O
TT
X
XEIT11
O8
X
X
Port 1.11
UART0: Ready
To Send
output(2)
ADC: Analog
input 12
35
J4
P0.27 /
UART2_RTS /
ADC_IN7
I/O
TT
X
XO2
X
X
Port 0.27
UART2: Ready
To Send
output(6)
ADC: Analog
input 7
36
J6
P0.26 /
UART2_CTS
I/O
TT
X
XO2
X
X
Port 0.26
UART2: Clear To Send input
37
J7
P0.25 /
UART2_TX
I/O
TT
X
XO2
X
X
Port 0.25
UART2: Transmit data output
(remappable to P0.13)(6)
38
H7
P0.24 /
UART2_RX
I/O
TT
X
XO2
X
X
Port 0.24
UART2: Receive data input
(remappable to P0.12)(6)
39
J5
23
G4
P0.19 / USB_CK /
SSP1_NSS /
ADC_IN4
I/O
TT
X
XEIT6
O2
X
X
Port 0.19
SSP1: Slave
select input
(remappable to
P0.11)(6)
ADC: Analog
input 4
USB:
48 MHz Clock
input
40
K4
24
H5
P0.18 /
SSP1_MOSI
I/O
TT
X
XO2
X
X
Port 0.18
SSP1: Master out/slave in data
(remappable to P0.10)(6)
41
K5
25
H4
P0.17 /
SSP1_MISO /
ADC_IN3
I/O
TT
X
XO2
X
X
Port 0.17
SSP1: Master
in/slave out data
(remappable to
P0.09)(6)
ADC: Analog
input 3
42
K6
26
H6
P0.16 /
SSP1_SCLK
I/O
TT
X
XO2
X
X
Port 0.16
SSP1: serial clock (remappable to
P0.08)(6)
43
H9
P2.16
I/O
TT
X
XO2
X
X
Port 2.16
44
J9
27
G5 VDD_IO
S
Supply voltage for digital I/Os
45
K9
28
G7 VDDA_PLL
S
Supply voltage for PLL
Table 5.
STR750F pin description (continued)
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(1)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com