Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 14Page - STMicroelectronics STR755FV2T6 Datasheet HTML 15Page - STMicroelectronics STR755FV2T6 Datasheet HTML 16Page - STMicroelectronics STR755FV2T6 Datasheet HTML 17Page - STMicroelectronics STR755FV2T6 Datasheet HTML 18Page - STMicroelectronics STR755FV2T6 Datasheet HTML 19Page - STMicroelectronics STR755FV2T6 Datasheet HTML 20Page - STMicroelectronics STR755FV2T6 Datasheet HTML 21Page - STMicroelectronics STR755FV2T6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Pin Description
STR750F
18/71
46
K8
29
H7
XT2
4 MHz main oscillator
47
K7
30
H8
XT1
48
J10
31
G6 VSS_IO
S
Ground voltage for digital I/Os
49
K10
32
G8 VSSA_PLL
S
Ground voltage for PLL
50
J8
P2.15
I/O
TT
X
XO2
X
X
Port 2.15
51
H8
P2.14
I/O
TT
X
XO2
X
X
Port 2.14
52
G8
33
F5
V18REG
S
Stabilization for main voltage regulator. Requires
external capacitors of at least 10µF between
V18REG and VSS18. See Figure 4.
To be connected to the 1.8V external power supply
when embedded regulators are not used,
53
F8
34
F6
VSS18
S
Ground Voltage for the main voltage regulator
54
F9
35
F7
VSSBKP
S
Stabilization for low power voltage regulator.
55
G9
36
E7
V18BKP
S
Ground Voltage for the low power voltage regulator.
Requires external capacitors of at least 1µF
between V18BKP and VSSBKP. See Figure 4.
To be connected to the 1.8V external power supply
when embedded regulators are not used,
56
H10
37
F8
XRTC1
X
32 kHz oscillator for Realtime Clock
57
G10
38
E8
XRTC2
X
58
E7
39
E5
NRSTOUT
O
X
Reset output
59
E9
40
E6
NRSTIN
I
TT
X
Reset input
60
D6
P1.15 /
WKP_STDBY
ITT
X
EIT15
X
Port 1.15
Wake-up from STANDBY input pin
61
B8
P2.13
I/O
TT
X
XO2
X
X
Port 2.13
62
D9
P2.12
I/O
TT
X
XO2
X
X
Port 2.12
63
F10
41
(5)
D8
(5)
P0.15 / CAN_TX
I/O
TT
X
XO2
X
X
Port 0.15
CAN: Transmit data output
64
E10
42
(5)
C8
(5)
P0.14 / CAN_RX
I/O
TT
X
XEIT5
O2
X
X
Port 0.14
CAN: Receive data input
65
D10
41
(5)
D8
(5)
USB_DN
I/O
USB: bidirectional data (data -)
66
C10
42
(5)
C8
(5)
USB_DP
I/O
USB: bidirectional data (data +)
67
B9
43
B8
P1.03 / TIM2_TI2
I/O
TT
X
XO2
X
X
Port 1.03
TIM2: Input Capture / trigger /
external clock 2 (remappable to
P0.07)(6)
68
A10
P1.02 /
TIM2_OC2
I/O
TT
X
XO2
X
X
Port 1.02
TIM2: Output compare 2
(remappable to P0.06)(6)
69
D7
44
C6
VDD_IO
S
Supply Voltage for digital I/Os
70
D8
45
D6
VDDA_ADC
S
Supply Voltage for A/D converter
Table 5.
STR750F pin description (continued)
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(1)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com