Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 41Page - STMicroelectronics STR755FV2T6 Datasheet HTML 42Page - STMicroelectronics STR755FV2T6 Datasheet HTML 43Page - STMicroelectronics STR755FV2T6 Datasheet HTML 44Page - STMicroelectronics STR755FV2T6 Datasheet HTML 45Page - STMicroelectronics STR755FV2T6 Datasheet HTML 46Page - STMicroelectronics STR755FV2T6 Datasheet HTML 47Page - STMicroelectronics STR755FV2T6 Datasheet HTML 48Page - STMicroelectronics STR755FV2T6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
STR750F
Electrical parameters
45/71
4/8 MHz Crystal / Ceramic Resonator Oscillator (XT1/XT2)
The STR750 system clock or the input of the PLL can be supplied by a OSC4M which is a 4
MHz clock generated from a 4 MHz or 8 MHz crystal or ceramic resonator. If using an 8 MHz
oscillator, software set the XTDIV bit to enable a divider by 2 and generate a 4 MHz OSC4M
clock. All the information given in this paragraph are based on product characterisation with
specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, package, accuracy...).
Figure 21.
Typical application with a 4 or 8 MHz crystal or ceramic resonator
Table 21.
4/8 MHz crystal / ceramic resonator oscillator (XT1/XT2)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC4M
Oscillator frequency
4 MHz Crystal/Resonator Oscillator
connected on XT1/XT2 XTDIV=0
or
8 MHz Crystal/Resonator Oscillator
connected on XT1/XT2 XTDIV=1
4MHz
RF
Feedback resistor
200
240
270
k
Ω
CL1
(2)
CL2
Recommended load
capacitance versus equivalent
serial resistance of the crystal or
ceramic resonator (RS)
(3)
RS=200Ω
60
pF
i2
XT2 driving current
VDD_IO=3.3 V or 5.0 V
425
µA
tSU(OSC4M)
(4)
Startup time at VDD_IO power-up
1
ms
1.
Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5-pF to 25-pF range (typ.) designed for
high-frequency applications and selected to match the requirements of the crystal or resonator. CL1 and CL2, are usually the
same size. The crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2.
PCB and MCU pin capacitance must be included when sizing CL1 and CL2 (10 pF can be used as a rough estimate of the
combined pin and board capacitance).
3.
The relatively low value of the RF resistor offers a good protection against issues resulting from use in a humid
environment, due to the induced leakage and the bias condition change. However, it is recommended to take this point into
account if the MCU is used in tough humidity conditions.
4.
tSU(OSC4M) is the typical start-up time measured from the moment VDD_IO is powered (with a quick VDD_IO ramp-up from 0
to 3.3V (<50
µs) to a stabilized 4MHz oscillation is reached. This value is measured for a standard crystal resonator and it
can vary significantly with the crystal/ceramic resonator manufacturer.
XT2
XT1
fOSC4M
CL1
CL2
i2
RF
STR75X
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS
VDD/2
Ref
FEEDBACK
LOOP
LINEAR
AMPLIFIER
XTDIV
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com