Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 38Page - STMicroelectronics STR755FV2T6 Datasheet HTML 39Page - STMicroelectronics STR755FV2T6 Datasheet HTML 40Page - STMicroelectronics STR755FV2T6 Datasheet HTML 41Page - STMicroelectronics STR755FV2T6 Datasheet HTML 42Page - STMicroelectronics STR755FV2T6 Datasheet HTML 43Page - STMicroelectronics STR755FV2T6 Datasheet HTML 44Page - STMicroelectronics STR755FV2T6 Datasheet HTML 45Page - STMicroelectronics STR755FV2T6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Electrical parameters
STR750F
42/71
On-Chip peripheral power consumption
Conditions:
–VDD_IO=VDDA_ADC=VDDA_PLL=3.3 V or 5 V ±10% unless otherwise specified.
–TA= 25° C
–
Clocked by OSC4M with PLL multiplication, fCK_SYS=64 MHz, fHCLK=32 MHz,
fPCLK=32 MHz
.
Table 18.
On-Chip peripherals
Symbol
Parameter
Typ
(3.3V and 5.0V)
Unit
IDD(TIM)
TIM Timer supply current (1)
1.
Data based on a differential IDD measurement between reset configuration and timer counter running at 32
MHz. No IC/OC programmed (no I/O pads toggling)
0.7
mA
IDD(PWM)
PWM Timer supply current(2)
2.
Data based on a differential IDD measurement between reset configuration and PWM running at 32 MHz.
This measurement does not include PWM pads toggling consumption.
1
IDD(SSP)
SSP supply current (3)
3.
Data based on a differential IDD measurement between reset configuration and permanent SPI master
communication at maximum speed 16 MHz. The data sent is 55h. This measurement does not include the
pad toggling consumption.
1.3
IDD(UART)
UART supply current (4)
4.
Data based on a differential IDD measurement between reset configuration and a permanent UART data
transmit sequence at 1Mbauds. This measurement does not include the pad toggling consumption.
1.6
IDD(I2C)
I2C supply current (5)
5.
Data based on a differential IDD measurement between reset configuration (I2C disabled) and a permanent
I2C master communication at 100kHz (data sent equal to 55h). This measurement includes the pad
toggling consumption but not the external 10kOhm external pull-up on clock and data lines.
0.3
IDD(ADC)
ADC supply current when converting (6)
6.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions at 8 MHz in scan mode on 16 inputs configured as AIN.
1.2
IDD(USB)
USB supply current (7)
Note: VDD_IO must be 3.3 V ±10%
7.
Data based on a differential IDD measurement between reset configuration and a running generic HID
application.
0.90
IDD(CAN)
CAN supply current (8)
8.
Data based on a differential IDD measurement between reset configuration (CAN disabled) and a
permanent CAN data transmit sequence in loopback mode at 1MHz. This measurement does not include
the pad toggling consumption.
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com