Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 33Page - STMicroelectronics STR755FV2T6 Datasheet HTML 34Page - STMicroelectronics STR755FV2T6 Datasheet HTML 35Page - STMicroelectronics STR755FV2T6 Datasheet HTML 36Page - STMicroelectronics STR755FV2T6 Datasheet HTML 37Page - STMicroelectronics STR755FV2T6 Datasheet HTML 38Page - STMicroelectronics STR755FV2T6 Datasheet HTML 39Page - STMicroelectronics STR755FV2T6 Datasheet HTML 40Page - STMicroelectronics STR755FV2T6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
STR750F
Electrical parameters
37/71
Figure 16.
Power consumption in STOP mode
in Single supply scheme (3.3 V
range)
Figure 17.
Power consumption in STOP mode
Single supply scheme (5 V range)
0
50
100
150
200
250
300
-40
254555
75
95
105
Temp (°C)
TYP (3.3V)
MAX (3.6V)
0
50
100
150
200
250
300
350
-40
25
455575
95
105
Temp (°C)
TYP (5.0V)
MAX (5.5V)
Figure 18.
Power consumption in STANDBY
mode (3.3 V range)
Figure 19.
Power consumption in STANDBY
mode (5 V range)
0
5
10
15
20
25
30
-40
25
105
Temp (°C)
TYP (3.3V)
MAX (3.6V)
0
5
10
15
20
25
30
35
-40
25
105
Temp (°C)
TYP (5.0V)
MAX (5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com