Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 65Page - STMicroelectronics STR755FV2T6 Datasheet HTML 66Page - STMicroelectronics STR755FV2T6 Datasheet HTML 67Page - STMicroelectronics STR755FV2T6 Datasheet HTML 68Page - STMicroelectronics STR755FV2T6 Datasheet HTML 69Page - STMicroelectronics STR755FV2T6 Datasheet HTML 70Page - STMicroelectronics STR755FV2T6 Datasheet HTML 71Page - STMicroelectronics STR755FV2T6 Datasheet HTML 72Page - STMicroelectronics STR755FV2T6 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
STR750F
Package characteristics
69/71
Figure 35.
64-Low Profile Fine Pitch Ball Grid Array Package
Figure 36.
100-Low Profile Fine Pitch Ball Grid Array Package
Figure 37.
Recommended PCB design rules (0.80/0.75mm pitch BGA)
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.210
1.700 0.048
0.067
A1
0.270
0.011
A2
1.120
0.044
b
0.450 0.500 0.550 0.018 0.020 0.022
D
7.750 8.000 8.150 0.305 0.315 0.321
D1
5.600
0.220
E
7.750 8.000 8.150 0.305 0.315 0.321
E1
5.600
0.220
e
0.720 0.800 0.880 0.028 0.031 0.035
f
1.050 1.200 1.350 0.041 0.047 0.053
ddd
0.120
0.005
Number of Pins
N
64
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.700
0.067
A1
0.270
0.011
A2
1.085
0.043
A3
0.30
0.012
A4
0.80
0.031
b
0.45
0.50
0.55 0.018 0.020 0.022
D
9.85 10.00 10.15 0.388 0.394 0.40
D1
7.20
0.283
E
9.85 10.00 10.15 0.388 0.394 0.40
E1
7.20
0.283
e
0.80
0.031
F
1.40
0.055
ddd
0.12
0.005
eee
0.15
0.006
fff
0.08
0.003
Number of Balls
N
100
Dpad
Dsm
Dpad
0.37 mm
Dsm
0.52 mm typ. (depends on solder
mask registration tolerance
Solder paste
0.37 mm aperture diameter
– Non solder mask defined pads are recommended
– 4 to 6 mils screen print



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com