Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 57Page - STMicroelectronics STR755FV2T6 Datasheet HTML 58Page - STMicroelectronics STR755FV2T6 Datasheet HTML 59Page - STMicroelectronics STR755FV2T6 Datasheet HTML 60Page - STMicroelectronics STR755FV2T6 Datasheet HTML 61Page - STMicroelectronics STR755FV2T6 Datasheet HTML 62Page - STMicroelectronics STR755FV2T6 Datasheet HTML 63Page - STMicroelectronics STR755FV2T6 Datasheet HTML 64Page - STMicroelectronics STR755FV2T6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
STR750F
Electrical parameters
61/71
3.3.10
Communication interface characteristics
I2C - Inter IC control interface
Subject to general operating conditions for VDD_IO, fPCLK, and TA unless otherwise specified.
The ST7 I2C interface meets the requirements of the Standard I2C communication protocol
described in the following table with the restriction mentioned below:
Restriction: The I/O pins which SDA and SCL are mapped to are not “True” Open-
Drain: when configured as open-drain, the PMOS connected between the I/O pin and
VDD_IO is disabled, but it is still present. Also, there is a protection diode between the
I/O pin and VDD_IO. Consequently, when using this I2C in a multi-master network, it is
not possible to power off the STR7x while some another I2C master node remains
powered on: otherwise, the STR7x will be powered by the protection diode.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDA and SCL).
Table 37.
SDA and SCL characteristics
Symbol
Parameter
Standard mode
I2C
Fast mode I2C(1)
1.
fPCLK, must be at least 8 MHz to achieve max fast I
2C speed (400 kHz).
Unit
Min(2)
2.
Data based on standard I2C protocol requirement, not tested in production.
Max(2)
Min(2)
Max(2)
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0(3)
3.
The maximum hold time of the START condition has only to be met if the interface does not stretch the low
period of SCL signal.
0(4)
4.
The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the
undefined region of the falling edge of SCL.
900(3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20+0.1Cb
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
20+0.1Cb
300
th(STA)
START condition hold time
4.0
0.6
µs
tsu(STA)
Repeated START condition setup time
4.7
0.6
tsu(STO)
STOP condition setup time
4.0
0.6
µs
tw(STO:STA) STOP to START condition time (bus free)
4.7
1.3
µs
Cb
Capacitive load for each bus line
400
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com