Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC850 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC850
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC850 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC850 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
18
Freescale Semiconductor
Bus Signal Timing
B42
CLKOUT rising edge to TS valid
(hold time)
2.00
—
2.00
—
2.00
—
—
50.00
ns
B43
AS negation to memory
controller signals negation
—TBD
—TBD
TBD
—
—
50.00
ns
1
The minima provided assume a 0 pF load, whereas maxima assume a 50pF load. For frequencies not marked on
the part, new bus timing must be calculated for all frequency-dependent AC parameters. Frequency-dependent AC
parameters are those with an entry in the FFactor column. AC parameters without an FFactor entry do not need to
be calculated and can be taken directly from the frequency column corresponding to the frequency marked on the
part. The following equations should be used in these calculations.
For a frequency F, the following equations should be applied to each one of the above parameters:
For minima:
For maxima:
where:
D is the parameter value to the frequency required in ns
F is the operation frequency in MHz
D50 is the parameter value defined for 50 MHz
CAP LOAD is the capacitance load on the signal in question.
FFACTOR is the one defined for each of the parameters in the table.
2
Phase and frequency jitter performance results are valid only if the input jitter is less than the prescribed value.
3
If the rate of change of the frequency of EXTAL is slow (i.e. it does not jump between the minimum and maximum
values in one cycle) or the frequency of the jitter is fast (i.e., it does not stay at an extreme value for a long time) then
the maximum allowed jitter on EXTAL can be up to 2%.
4
The timing for BR output is relevant when the MPC850 is selected to work with external bus arbiter. The timing for
BG output is relevant when the MPC850 is selected to work with internal bus arbiter.
5
The setup times required for TA, TEA, and BI are relevant only when they are supplied by an external device (and
not when the memory controller or the PCMCIA interface drives them).
6
The timing required for BR input is relevant when the MPC850 is selected to work with the internal bus arbiter. The
timing for BG input is relevant when the MPC850 is selected to work with the external bus arbiter.
7
The D[0–31] and DP[0–3] input timings B20 and B21 refer to the rising edge of the CLKOUT in which the TA input
signal is asserted.
8
The D[0:31] and DP[0:3] input timings B20 and B21 refer to the falling edge of CLKOUT. This timing is valid only for
read accesses controlled by chip-selects controlled by the UPM in the memory controller, for data beats where DLT3
= 1 in the UPM RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.
9
The timing B30 refers to CS when ACS = '00' and to WE[0:3] when CSNT = '0'.
10 The signal UPWAIT is considered asynchronous to CLKOUT and synchronized internally. The timings specified in
B37 and B38 are specified to enable the freeze of the UPM output signals.
11 The AS signal is considered asynchronous to CLKOUT.
Table 6. Bus Operation Timing 1 (continued)
Num
Characteristic
50 MHz
66 MHz
80 MHz
FFACT
Cap Load
(default
50 pF)
Unit
Min
Max
Min
Max
Min
Max
D =
FFACTOR x 1000
F
(D50 - 20 x FFACTOR)
+
D =
FFACTOR x 1000
F
(D50 -20 x FFACTOR)
++
1ns(CAP LOAD - 50) / 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com