Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT3602AE Datasheet HTML 1Page - Richtek Technology Corporation RT3602AE Datasheet HTML 2Page - Richtek Technology Corporation RT3602AE Datasheet HTML 3Page - Richtek Technology Corporation RT3602AE Datasheet HTML 4Page - Richtek Technology Corporation RT3602AE Datasheet HTML 5Page - Richtek Technology Corporation RT3602AE Datasheet HTML 6Page - Richtek Technology Corporation RT3602AE Datasheet HTML 7Page - Richtek Technology Corporation RT3602AE Datasheet HTML 8Page - Richtek Technology Corporation RT3602AE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
3
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No
Pin Name
Pin Function
14, 15, 19, 20, 21 NC
No internal connection.
16, 17
PWM[1:2]_MAIN PWM outputs for main rail VR of Channel 1 and 2.
18
DRVEN_SET
Set DRVEN output function at PS4. Set to 5V DRVEN is floating, and set to
GND DRVEN is low at PS4.
22
PWM_AUXI
PWM outputs for auxiliary rail VR.
23
TSEN_AUXI
Thermal sense input for AUXI rail VR.
24
FB_AUXI
Negative input of the error amplifier. This pin is for auxiliary rail VR output
voltage feedback to controller.
25
RGND_AUXI
Return ground for auxiliary rail VR. This pin is the negative node of the
differential remote voltage sensing.
26
COMP_AUXI
Auxiliary rail VR compensation. This pin is error amplifier output pin.
27
VSEN_AUXI
Auxiliary VR voltage sense input. This pin is connected to the terminal of
Main VR output voltage.
28
ISENN_AUXI
Negative current sense input of single-phase auxiliary Rail.
29
ISENP_AUXI
Positive current sense input of single-phase auxiliary Rail.
30
IMON_AUXI
Auxiliary rail VR current monitor output. This pin outputs a voltage
proportional to the output current.
31
VR_HOT
Thermal monitor output, this pin is active low.
32
VDIO
VR and CPU data transmission interface.
33
ALERT
SVID alert. (Active low)
34
VCLK
Synchronous clock from the CPU.
35
DRVEN
External driver enable control. Connecting to driver enable pin.
36
PWM_SA
PWM outputs for VCCSA VR.
37
EN
VR enable control input.
38
VR_READY
VR ready indicator.
39
IMON_SA
VCCSA rail VR current monitor output. This pin outputs a voltage
proportional to the output current.
40
ISENP_SA
Positive current sense input of single-phase VCCSA rail VR.
41
ISENN_SA
Negative current sense input of single-phase VCCSA rail VR.
42
VREF06/PSET
Fixed 0.6V output reference voltage. This voltage is used to offset the output
voltage of IMON pin. Between this pin and GND must be placed a exact
0.47
F decoupling capacitor and 3.9 resistor.
43
COMP_SA
VCCSA rail VR compensation. This pin is error amplifier output pin.
44
RGND_SA
Return ground for VCCSA rail VR. This pin is the negative node of the
differential remote voltage sensing.
45
FB_SA
Negative input of the error amplifier. This pin is for VCCSA rail VR output
voltage feedback to controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com