Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 29Page - Richtek Technology Corporation RT3602AE Datasheet HTML 30Page - Richtek Technology Corporation RT3602AE Datasheet HTML 31Page - Richtek Technology Corporation RT3602AE Datasheet HTML 32Page - Richtek Technology Corporation RT3602AE Datasheet HTML 33Page - Richtek Technology Corporation RT3602AE Datasheet HTML 34Page - Richtek Technology Corporation RT3602AE Datasheet HTML 35Page - Richtek Technology Corporation RT3602AE Datasheet HTML 36Page - Richtek Technology Corporation RT3602AE Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
33
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Monitor, IMON
For each VR rail, the RT3602AE includes a current monitor
(IMON) function which can be used to detect over-current
protection and maximum processor current ICCMAX, and
also sets a part of current gain in the load-line setting. It
produces an analog voltage proportional to output current
between the IMON and VREF pins.
Load-Line (Droop) Setting
The G-NAVPTM topology can set load-line (droop) via the
current loop and voltage loop, the load-line is a slope
between load current ICC and output voltage Vsen as
shown in Figure 15. Figure 16 shows the voltage control
and current loop for MAIN and SA rails. By using both
loops, the load-line (droop) can be set easily. The load-
line set equation for MAIN and SA is :
i
i
OUT
CS
I
LL
V2
2
11
k
DCR
k
R
DCR
2R
A
2
R
(m )
AR
R
RR


where ROUT= RCS
ICC
VCOEE
Load line slope = -RLL
RLL x ICC
Figure 15. Load-Line (Droop)
Figure 16. Voltage Loop and Current Loop for MAIN and
SA Rails
Figure 17 shows the voltage control and current loop for
AUXI rail. By using both loops, the load-line (droop) can
be set easily. The load-line set equation for AUXI is :
i
IMON
CS
I
LL
V2
1
k
DCR R
2R
A
R
AR
R


Where RCS = 2.15k
Ω
Figure 17. Voltage Loop and Current Loop for AUXI
The ki gain can be selected by SET [1:3] pins for individual
rail.
Compensator Design
The compensator of the RT3602AE doesn't need a
complex type II or type III compensator to optimize control
loop performance. It can adopt a simple type I
compensator (one pole, one zero) in the G-NAVPTM
topology to achieve constant output impedance design
for Intel IMVP8 ACLL specification. The one pole one zero
compensator is shown as Figure 18. The transfer function
of compensator should be design as following transfer
function to achieve constant output impedance, i.e. Zo(s)
= load-line slope in the entire frequency range :
I
CON
LL
ESR
s
1
A
fsw
G(S)
Rs
1
where AI is current loop gain, RLL is load-line, fSW is
switching frequency and
ωESR is a pole that should be
located at 1/(COUT x ESR). Then, the C1 and C2 should
be designed as follows :
OUT
SW
CESR
1
C1 =
C2 =
R1
f
R2

+
-
R2
R1
VID
CX
LX
DCR
IL
ISENN
ISENP
-
ki/2
+
-
Voltage Loop
TON Generator
IMONA
ROUT
VREF
VSEN
RIMON
Current Loop
1
1
+
-
RCS
GM
RX1
RX2
RX
+
-
R2
R1
VID
CX
LX
DCR
IL1.2
ISEN[1:2]N
ISEN[1:2]P
ISEN1N + ISEN2N
-
ki/2
+
-
Voltage Loop
TON Generator
RIMON
IMON
RNTC
VREF
VSEN
Current Loop
+
-
RCS
GM
RX1
RX2
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com