Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 12Page - Richtek Technology Corporation RT3602AE Datasheet HTML 13Page - Richtek Technology Corporation RT3602AE Datasheet HTML 14Page - Richtek Technology Corporation RT3602AE Datasheet HTML 15Page - Richtek Technology Corporation RT3602AE Datasheet HTML 16Page - Richtek Technology Corporation RT3602AE Datasheet HTML 17Page - Richtek Technology Corporation RT3602AE Datasheet HTML 18Page - Richtek Technology Corporation RT3602AE Datasheet HTML 19Page - Richtek Technology Corporation RT3602AE Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
16
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDIO, ALERT and
VR_HOT Pull Low
Voltage
IVDIO = 10mA
--
--
0.13
V
IALERT = 10mA
IVR_HOT = 10mA
VREF
VREF06
VREF
0.595
0.6
0.605
V
ADC
Digital IMON Set
VIMON
VIMON  VIMON_INI = 0.8V, MAIN rail
2 phase application
--
255
--
Decimal
VIMON  VIMON_INI = 0.4V, single
phase application
--
255
--
Update Period
tIMON
--
125
--
s
TSEN Threshold for
Tmp_Zone[7] Transition
VTSEN
100
C
--
1.092
--
V
TSEN Threshold for
Tmp_Zone[6] Transition
97
C
--
1.132
--
TSEN Threshold for
Tmp_Zone[5] Transition
94
C
--
1.176
--
TSEN Threshold for
Tmp_Zone[4] Transition
91
C
--
1.226
--
TSEN Threshold for
Tmp_Zone[3] Transition
88
C
--
1.283
--
TSEN Threshold for
Tmp_Zone[2] Transition
85
C
--
1.346
--
TSEN Threshold for
Tmp_Zone[1] Transition
82
C
--
1.418
--
TSEN Threshold for
Tmp_Zone[0] Transition
75
C
--
1.624
--
Update Period
tTSEN
--
100
--
s
PWM Driving Capability
PWM_x
RPWMsr
--
20
--

RPWMsk
--
10
--
ITSEN
TSEN Source Current
ITSEN
TSEN = 1.6V
79.2
80
80.8
A
Note 1. Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
θJC is measured at the
exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com