Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 34Page - Richtek Technology Corporation RT3602AE Datasheet HTML 35Page - Richtek Technology Corporation RT3602AE Datasheet HTML 36Page - Richtek Technology Corporation RT3602AE Datasheet HTML 37Page - Richtek Technology Corporation RT3602AE Datasheet HTML 38Page - Richtek Technology Corporation RT3602AE Datasheet HTML 39Page - Richtek Technology Corporation RT3602AE Datasheet HTML 40Page - Richtek Technology Corporation RT3602AE Datasheet HTML 41Page - Richtek Technology Corporation RT3602AE Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
38
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Quick Response (QR) Mechanism
When the transient load step-up becomes quite large, it
is difficult for loop response to meet the energy transfer.
Hence, that output voltage generate undershoot to fail
specification. The RT3602AE has Quick Response (QR)
mechanism being able to improve this issue. It adopts a
nonlinear control mechanism which can disable
interleaving function and simultaneously turn on all UGATE
one pulse at instantaneous step-up transient load to
restrain the output voltage drooping. Figure 25 shows the
QR behavior.
The output voltage signal behavior needs to be detected
so that QR mechanism can be trigged. The output voltage
signal is via a remote sense line to connect at the VSEN
pin which is shown in Figure 26. The QR mechanism needs
to set QR width and QR threshold. Both definitions are
shown in Figure 24. A proper QR mechanism set can meet
different applications. The SET1 and SET2 pins can set
QR threshold and QR width by internal current source
80uA with multi-function pin setting mechanism for MAIN
and AUXI VR rails. Table 2 shows the QR_TH and
QR_WIDTH for MAIN and AXUI VR rails on the SET[1 to
2] pins.
Figure 26. Simplified QR Trigger schematic
VSEN
QR Pulse
Generation
Circuit
COM
+
-
+
-
QR
threshold
+-
Table 3 and Table 7 show the each VR DVID threshold
setting on TSEN_MAIN and TSEN_ AUXI pins. The each
VR DVID width is equal to 2
μs. For example, VR IMAXs
are 35A, 6A and 31A for MAIN rail, SA rail and AUXI rail,
respectively. The VTSEN_MAIN and VTSEN_AUXI need to be
set as 2.65V and 3.15V, respectively. Please note that a
high accuracy resistor is needed for this setting, <1%
error tolerance is recommended.
Ramp Compensation
The G-NAVPTM topology is one type of ripple based control
that has fast transient response and can lower BOM cost.
However, ripple based control usually has no good noise
immunity. The RT3602AE provides the ramp compensation
to increase noise immunity and reduce jitter at the
switching node. Figure 24 shows the ramp compensation.
Noise Margin
VCOMP
Noise Margin
IMON-VREF
w/o ramp compensation
w/ ramp compensation
IMON-VREF
VCOMP
Figure 24. Ramp Compensation
Figure 25. Quick Response Mechanism
QR Threshold
QR Width
PWM1
PWM2
VCORE
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com