Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT3602AE Datasheet HTML 1Page - Richtek Technology Corporation RT3602AE Datasheet HTML 2Page - Richtek Technology Corporation RT3602AE Datasheet HTML 3Page - Richtek Technology Corporation RT3602AE Datasheet HTML 4Page - Richtek Technology Corporation RT3602AE Datasheet HTML 5Page - Richtek Technology Corporation RT3602AE Datasheet HTML 6Page - Richtek Technology Corporation RT3602AE Datasheet HTML 7Page - Richtek Technology Corporation RT3602AE Datasheet HTML 8Page - Richtek Technology Corporation RT3602AE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
RT3602AE
®
DS3602AE-00 August 2017
www.richtek.com
1
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
Triple Channel PWM Controller for IMVP8 Mobile CPU Core
Power Supply
General Description
The RT3602AE is an IMVP8 compliant CPU power
controller which includes three voltage rails : a 2/1 phase
synchronous Buck controller, the MAINVR, a single phase
synchronous Buck controller, the auxiliary VR, and a
single phase synchronous Buck controller, the VCCSA
VR. The RT3602AE adopts G-NAVPTM (Green NativeAVP)
which is Richtek's proprietary topology derived from finite
DC gain of EA amplifier with current mode control, making
it easy to set the droop to meet all Intel CPU requirements
of AVP (Adaptive Voltage Positioning). Based on the G-
NAVPTM topology, the RT3602AE also features a quick
response mechanism for optimized AVP performance
during load transient. The RT3602AE supports mode
transition function with various operating states. A serial
VID (SVID) interface is built in the RT3602AE to
communicate with Intel IMVP8 compliant CPU. The
RT3602AE supports VID on-the-fly function with three
different slew rates : Fast, Slow and Decay. By utilizing
the G-NAVPTM topology, the operating frequency of the
RT3602AE varies with VID, load and input voltage to further
enhance the efficiency even in CCM. Moreover, the G-
NAVPTM with CCRCOT (Constant Current Ripple COT)
technology provides superior output voltage ripple over
the entire input/output range. The built-in high accuracy
DAC converts the SVID code ranging from 0.25V to 1.52V
with 5mV per step. The RT3602AE integrates a high
accuracy ADC for platform setting functions, such as quick
response trigger level. Besides, the setting function also
supposes this two rails address exchange. The RT3602AE
provides VR ready output signals. It also features complete
fault protection functions including over-voltage (OV),
negative voltage (NV), over-current (OC) and under-voltage
lockout (UVLO). The RT3602AE is available in the WQFN-
48L 6x6 small foot print package.
Features
Intel IMVP8 Serial VID Interface Compatible Power
Management States
2/1 Phase (MAIN VR) + Single Phase (Auxiliary VR)
+ Single Phase (VCCSA VR) PWM Controller
G-NAVPTM (Green Native Adaptive Voltage
Positioning) Topology
0.5% DAC Accuracy
Differential Remote Voltage Sensing
Built-in ADC for Platform Programming
Accurate Current Balance
System Thermal Compensated AVP
Diode Emulation Mode at Light Load Condition for
Multiple or Single Phase Operation
Fast Transient Response
VR Ready Indicator
Thermal Throttling
Current Monitor Output
OVP, OCP, NVP, UVLO
Slew Rate Setting/Address Flip Function
Rail Address Flexibility
DVID Enhancement
RoHS Compliant and Halogen Free
Applications
IMVP8 Intel Core Supply
Notebook/ Desktop Computer/ Servers Multi-phase CPU
Core Supply
AVP Step-Down Converter
RT3602AE
VAXG
PWM1_MAIN
PWM2_MAIN
Driver
Driver
MOSFET
MOSFET
VSA
PWM_AUXI
Driver
MOSFET
VCLK
VDIO
VR_HOT
ALERT
To CPU
VCORE
PWM_SA
Driver
MOSFET
VR_READY
To PCH


Similar Part No. - RT3602AE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
RT3602AJGQW RICHTEK-RT3602AJGQW Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
More results

Similar Description - RT3602AE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3624LE RICHTEK-RT3624LE Datasheet
1Mb / 48P
Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
April 2022
RT3635BE RICHTEK-RT3635BE Datasheet
5Mb / 111P
Triple Channel PWM Controller with I2C Interface Control for IMVP9.2 CPU Core Power Supply
June 2023
RT3602AJ RICHTEK-RT3602AJ Datasheet
818Kb / 46P
Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com