Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 24Page - Richtek Technology Corporation RT3602AE Datasheet HTML 25Page - Richtek Technology Corporation RT3602AE Datasheet HTML 26Page - Richtek Technology Corporation RT3602AE Datasheet HTML 27Page - Richtek Technology Corporation RT3602AE Datasheet HTML 28Page - Richtek Technology Corporation RT3602AE Datasheet HTML 29Page - Richtek Technology Corporation RT3602AE Datasheet HTML 30Page - Richtek Technology Corporation RT3602AE Datasheet HTML 31Page - Richtek Technology Corporation RT3602AE Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
28
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 2. SET[1 to 2] Pins Setting for QR_TH and QRWIDTH
SET[1 and 2]_V
R1 x R2
V3.2
R1 R2

QRTH_X(mV)
QRWIDTH_X
(% of On-Time)
Min
Typ
Max
Unit
10.02444
25.02444
40.02444
mV
Disable
160%
60.07331
75.07331
90.07331
mV
130%
110.1222
125.1222
140.1222
mV
100%
160.1711
175.1711
190.1711
mV
70%
210.2199
225.2199
240.2199
mV
10
160%
260.2688
275.2688
290.2688
mV
130%
310.3177
325.3177
340.3177
mV
100%
360.3666
375.3666
390.3666
mV
70%
410.4154
425.4154
440.4154
mV
15
160%
460.4643
475.4643
490.4643
mV
130%
510.5132
525.5132
540.5132
mV
100%
560.5621
575.5621
590.5621
mV
70%
610.6109
625.6109
640.6109
mV
20
160%
660.6598
675.6598
690.6598
mV
130%
710.7087
725.7087
740.7087
mV
100%
760.7576
775.7576
790.7576
mV
70%
810.8065
825.8065
840.8065
mV
25
160%
860.8553
875.8553
890.8553
mV
130%
910.9042
925.9042
940.9042
mV
100%
960.9531
975.9531
990.9531
mV
70%
1011.002
1026.002
1041.002
mV
30
160%
1061.051
1076.051
1091.051
mV
130%
1111.1
1126.1
1141.1
mV
100%
1161.149
1176.149
1191.149
mV
70%
1211.197
1226.197
1241.197
mV
35
160%
1261.246
1276.246
1291.246
mV
130%
1311.295
1326.295
1341.295
mV
100%
1361.344
1376.344
1391.344
mV
70%
1411.393
1426.393
1441.393
mV
40
160%
1461.442
1476.442
1491.442
mV
130%
1511.491
1526.491
1541.491
mV
100%
1561.54
1576.54
1591.54
mV
70%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com