Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 10Page - Richtek Technology Corporation RT3602AE Datasheet HTML 11Page - Richtek Technology Corporation RT3602AE Datasheet HTML 12Page - Richtek Technology Corporation RT3602AE Datasheet HTML 13Page - Richtek Technology Corporation RT3602AE Datasheet HTML 14Page - Richtek Technology Corporation RT3602AE Datasheet HTML 15Page - Richtek Technology Corporation RT3602AE Datasheet HTML 16Page - Richtek Technology Corporation RT3602AE Datasheet HTML 17Page - Richtek Technology Corporation RT3602AE Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
14
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions (Note 4)
Supply Voltage, VIN ----------------------------------------------------------------------------------------------- 4.5V to 24V
Supply Voltage, VCC ---------------------------------------------------------------------------------------------- 4.5V to 5.5V
Driver Supply Voltage, PVCC ------------------------------------------------------------------------------------ 4.5V to 5.5V
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings (Note 1)
VCC to GND ---------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
RGND to GND -------------------------------------------------------------------------------------------------------
−0.3V to 0.3V
VIN to GND -----------------------------------------------------------------------------------------------------------
−0.3V to 28
PVCC to GND -------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
Other Pins------------------------------------------------------------------------------------------------------------
−0.3V to (VCC + 0.3V)
Power Dissipation, PD @ TA = 25
°C
WQFN-48L 6x6 ----------------------------------------------------------------------------------------------------- 3.73W
Package Thermal Resistance (Note 2)
WQFN-48L 6x6,
θJA ------------------------------------------------------------------------------------------------ 26.8°C/W
WQFN-48L 6x6,
θJC ----------------------------------------------------------------------------------------------- 1.3°C/W
Junction Temperature ---------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------- 2kV
Electrical Characteristics
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
Supply Voltage
VCC
4.5
5
5.5
V
Driver Supply Voltage
VPVCC
4.5
--
5.5
V
Supply Current
IVCC
VEN = 1.05V, No Switching
--
9
15
mA
Supply Current at PS4
IVCC_PS4
VEN = 1.05V, No Switching
--
0.2
0.25
Shutdown Current
ISHDN
VEN = 0V
--
10
20
A
Reference and DAC
DAC Accuracy
VFB
VDAC = 0.75V
1.52V
0.5%
0
0.5% % of VID
VDAC = 0.5V
0.745V
8
0
8
mV
VDAC = 0.25V
0.495V
10
0
10
Slew Rate
Dynamic VID Slew Rate
SR
Set VID Fast
30
34
38
mV/
s
Set VID Slow, set slow = 1/2 Fast
15
17
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com