Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3602AE Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 16Page - Richtek Technology Corporation RT3602AE Datasheet HTML 17Page - Richtek Technology Corporation RT3602AE Datasheet HTML 18Page - Richtek Technology Corporation RT3602AE Datasheet HTML 19Page - Richtek Technology Corporation RT3602AE Datasheet HTML 20Page - Richtek Technology Corporation RT3602AE Datasheet HTML 21Page - Richtek Technology Corporation RT3602AE Datasheet HTML 22Page - Richtek Technology Corporation RT3602AE Datasheet HTML 23Page - Richtek Technology Corporation RT3602AE Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
20
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (50
μs/Div)
CORE VR Mode Transient
VIN = 19V, VID = 0.9V,
PS2 to PS0, ILOAD = 1A
UGATE
(50V/Div)
VCORE
offset 0.9V
(20mV/Div)
VCLK
(1V/Div)
LGATE
(6V/Div)
Time (50
μs/Div)
CORE VR OVP
VIN = 19V, VID = 0.9V
UGATE
(50V/Div)
VCORE
(500mV/Div)
PGOOD
(1V/Div)
LGATE
(6V/Div)
Time (50
μs/Div)
CORE VR Mode Transient
VIN = 19V, VID = 0.9V,
PS0 to PS2, ILOAD = 1A
UGATE
(50V/Div)
VCORE
offset 0.9V
(30mV/Div)
VCLK
(1V/Div)
LGATE
(6V/Div)
CORE VR Dynamic VID Down
VIN = 19V, VID = 0.9V to 0.6V, Slew Rate = Slow
VDIO
(1V/Div)
VCORE
(200mV/Div)
VCLK
(1V/Div)
ALERT
(2V/Div)
VCLK
VDIO
ALERT
Time (10
μs/Div)
VCORE
Time (10
μs/Div)
CORE VR Dynamic VID Up
VIN = 19V, VID = 0.6V to 0.9V, Slew Rate = Fast
VDIO
(1V/Div)
VCORE
(200mV/Div)
VCLK
(1V/Div)
ALERT
(2V/Div)
VCLK
VDIO
ALERT
VCORE
Time (10
μs/Div)
CORE VR Dynamic VID Up
VIN = 19V, VID = 0.6V to 0.9V, Slew Rate = Slow
VDIO
(1V/Div)
VCORE
(200mV/Div)
VCLK
(1V/Div)
ALERT
(2V/Div)
VCORE
VCLK
VDIO
ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com