Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 42Page - Cirrus Logic CS42L52 Datasheet HTML 43Page - Cirrus Logic CS42L52 Datasheet HTML 44Page - Cirrus Logic CS42L52 Datasheet HTML 45Page - Cirrus Logic CS42L52 Datasheet HTML 46Page - Cirrus Logic CS42L52 Datasheet HTML 47Page - Cirrus Logic CS42L52 Datasheet HTML 48Page - Cirrus Logic CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
46
DS680A1
CS42L52
6.5.6
MCLK Divide By 2
Divides the input MCLK by 2 prior to all internal circuitry.
Note:
In slave mode, this bit is ignored when the AUTO bit (“Auto-Detect” on page 44) is disabled.
6.6
Interface Control 1 (Address 06h)
6.6.1
Master/Slave Mode
Configures the serial port I/O clocking.
6.6.2
SCLK Polarity
Configures the polarity of the SCLK signal.
6.6.3
ADC Interface Format
Configures the digital interface format for data on SDOUT.
6.6.4
DSP Mode
Configures a data-packed interface format for both the ADC and DAC.
Notes:
1. Select the audio word length using the AWL[1:0] bits (“Audio Word Length” on page 47).
2. The interface format for both the ADC and the DAC must be set to “Left-Justified” when DSP Mode
is enabled.
MCLKDIV2
MCLK signal into CODEC
0
No divide
1
Divided by 2
Application:
“Serial Port Clocking” on page 34
76
543
21
0
M/S
INV_SCLK
ADCDIF
DSP
DACDIF1
DACDIF0
AWL1
AWL0
M/S
Serial Port Clocks
0
Slave (input ONLY)
1
Master (output ONLY)
INV_SCLK
SCLK Polarity
0
Not Inverted
1
Inverted
ADCDIF
ADC Interface Format
0
Left Justified
1I²S
Application:
“Digital Interface Formats” on page 36
DSP
DSP Mode
0
Disabled
1
Enabled
Application:
“DSP Mode” on page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com