Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 13Page - Cirrus Logic CS42L52 Datasheet HTML 14Page - Cirrus Logic CS42L52 Datasheet HTML 15Page - Cirrus Logic CS42L52 Datasheet HTML 16Page - Cirrus Logic CS42L52 Datasheet HTML 17Page - Cirrus Logic CS42L52 Datasheet HTML 18Page - Cirrus Logic CS42L52 Datasheet HTML 19Page - Cirrus Logic CS42L52 Datasheet HTML 20Page - Cirrus Logic CS42L52 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
DS680A1
17
CS42L52
ANALOG PASSTHRU CHARACTERISTICS
(Test Conditions (unless otherwise specified): Input sine wave (relative to full-scale): 1 kHz through passive input filter;
VL = VD = VHP = 1.8 V; TA = +25°C; Measurement Bandwidth is 10 Hz to 20 kHz unless otherwise specified. Sample Fre-
quency = 48 kHz)
PWM OUTPUT CHARACTERISTICS (Note 9)
(Test conditions (unless otherwise specified): Input test signal is a full scale 997 Hz signal; measurement bandwidth is 10 Hz to
20 kHz; MCLK = 12.2880 MHz, Sample Frequency = 48 kHz; test load RL = 8 Ω for stereo full-bridge, RL = 4 Ω for mono parallel
full-bridge; VD = VL = VA = VHP = 1.8V; PWM Modulation Index of 0.85, PWM Switch Rate = 384 kHz)
VA = 2.5 V
VA = 1.8 V
Parameters
Min
Typ
Max
Min
Typ
Max
Unit
Analog In to HP/Line Amp
Dynamic Range
A-weighted
unweighted
-
-
96
93
-
-
-
-
94
91
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dBFS
-20 dBFS
-60 dBFS
-
-
-
-80
-73
-33
-
-
-
-
-
-
-80
-71
-31
-
-
-
dB
dB
dB
Passband Ripple
0/-0.3
0/-0.3
dB
Parameters (Note 10)
Symbol
Conditions
Min
Typ
Max Units
VP = 5.0 V
Power Output per Channel
PO
Stereo Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
1.00
0.80
-
-
Wrms
Wrms
Mono Parallel Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
1.90
1.50
-
-
Wrms
Wrms
Total Harmonic Distortion + Noise
THD+N
Stereo Full-Bridge
PO = 0 dBFS = 0.8W
-
0.52
-
%
Mono Parallel Full-Bridge
PO = -3 dBFS = 0.75 W
PO = 0 dBFS = 1.5 W
-
-
0.10
0.50
-
-
%
%
Dynamic Range
DR
Stereo Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
Mono Parallel Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
VP = 3.7 V
Power Output per Channel
PO
Stereo Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
0.55
0.45
-
-
Wrms
Wrms
Mono Parallel Full-Bridge
THD+N < 10%
THD+N < 1%
-
-
1.00
0.84
-
-
Wrms
Wrms
Total Harmonic Distortion + Noise
THD+N
Stereo Full-Bridge
PO = 0 dBFS = 0.43 W
-
0.54
-
%
Mono Parallel Full-Bridge
PO = -3 dBFS = 0.41 W
PO = 0 dBFS = 0.81 W
-
-
0.09
0.45
-
-
%
%
Dynamic Range
DR
Stereo Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
91
88
-
-
dB
dB
Mono Parallel Full-Bridge
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
95
92
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com