Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 21Page - Cirrus Logic CS42L52 Datasheet HTML 22Page - Cirrus Logic CS42L52 Datasheet HTML 23Page - Cirrus Logic CS42L52 Datasheet HTML 24Page - Cirrus Logic CS42L52 Datasheet HTML 25Page - Cirrus Logic CS42L52 Datasheet HTML 26Page - Cirrus Logic CS42L52 Datasheet HTML 27Page - Cirrus Logic CS42L52 Datasheet HTML 28Page - Cirrus Logic CS42L52 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
DS680A1
25
CS42L52
4. APPLICATIONS
4.1
Overview
4.1.1
Basic Architecture
The CS42L52 is a highly integrated, low power, 24-bit audio CODEC comprised of a stereo analog-to-
digital converter (ADC), a stereo digital-to-analog converter (DAC), a digital PWM modulator and two full-
bridge power back-ends. The ADC and DAC are designed using multi-bit delta-sigma techniques - the
DAC operates at an oversampling ratio of 128Fs and the ADC operates at 64Fs, where Fs is equal to the
system sample rate.
The different clock rates maximize power savings while maintaining high performance. The PWM modu-
lator operates at a fixed frequency of 384 kHz. The power FETs are configured for either stereo full-bridge
or mono parallel full bridge output. The CODEC operates in one of four sample rate speed modes: Quar-
ter, Half, Single and Double. It accepts and is capable of generating serial port clocks (SCLK, LRCK) de-
rived from an input Master Clock (MCLK).
4.1.2
Line & MIC Inputs
The analog input portion of the CODEC allows selection from and configuration of multiple combinations
of stereo and microphone (MIC) sources. Eight line inputs with an option for two balanced MIC inputs, a
MIC bias output and a Programmable Gain Amplifier (PGA) comprise the analog front-end.
4.1.3
Line & Headphone Outputs
The analog output portion of the CODEC includes a headphone amplifier capable of driving headphone
and line-level loads. An on-chip charge pump creates a negative headphone supply allowing a full-scale
output swing centered around ground. This eliminates the need for large DC-Blocking capacitors and al-
lows the amplifier to deliver more power to headphone loads at lower supply voltages.
4.1.4
Speaker Driver Outputs
The Class D power amplifiers drive 8 ohm (stereo) and 4 ohm (mono) speakers directly, without the need
for an external filter. The power MOSFETS are powered directly from a battery eliminating the efficiency
loss associated with an external regulator. Battery level monitoring and compensation maintains a steady
output as battery levels fall. A temperature monitor continually measures the die temperature and regis-
ters when predefined thresholds are exceeded. NOTE: The CS42L52 should only be used in captive
speaker systems where the outputs are permanently tied to the speaker terminals.
4.1.5
Fixed Function DSP Engine
The fixed-function digital signal processing engine processes both the PCM serial input data and ADC
output data, allowing a mix between the two. Independent volume control, left/right channel swaps, mono
mixes, tone control and limiting functions also comprise the DSP engine.
4.1.6
Beep Generator
The beep generator delivers tones at select frequencies across approximately two octave major scales.
With independent volume control, beeps may be configured to occur continuously, periodically, or at sin-
gle time intervals.
4.1.7
Power Management
Three control registers provide independent power-down control of the ADC, DAC, PGA, MIC pre-amp,
MIC bias, Headphone and Speaker outputs, allowing operation in select applications with minimal power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com