Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 1 Page - Cirrus Logic

  CS42L52 Datasheet HTML 1Page - Cirrus Logic CS42L52 Datasheet HTML 2Page - Cirrus Logic CS42L52 Datasheet HTML 3Page - Cirrus Logic CS42L52 Datasheet HTML 4Page - Cirrus Logic CS42L52 Datasheet HTML 5Page - Cirrus Logic CS42L52 Datasheet HTML 6Page - Cirrus Logic CS42L52 Datasheet HTML 7Page - Cirrus Logic CS42L52 Datasheet HTML 8Page - Cirrus Logic CS42L52 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
http://www.cirrus.com
DECEMBER '06
DS680A1
Low Power, Stereo CODEC w/Headphone & Speaker Amps
Stereo CODEC
High Performance Stereo ADC & DAC
–
98 dB Dynamic Range (A-wtd)
–
-88 dB THD+N
Flexible Stereo Analog Input Architecture
–
4:1 Analog Input MUX
–
Analog Input Mixing
–
Analog Passthru with Volume Control
–
Analog Programmable Gain Amplifier (PGA)
Programmable Automatic Level Control (ALC)
–
Noise Gate for Noise Suppression
–
Programmable Threshold & Attack/Release
Rates
Dual MIC Inputs
–
Differential or Single-Ended
–
+16 dB to +32 dB w/1dB step MIC Pre-
Amplifiers
–
Programmable, Low Noise MIC Bias Levels
Digital Signal Processing Engine
–
Bass & Treble Tone Control, De-Emphasis
–
Master Vol. and Independent PCM SDIN + ADC
SDOUT Mix Volume Control
–
Soft-Ramp & Zero-Cross Transitions
–
Programmable Peak-Detect and Limiter
–
Beep Generator w/Full Tone Control
Class D Stereo/Mono Speaker Amplifier
No External Filter Required
High Stereo Output Power at 10% THD+N
–
2 x 1.00 W into 8
Ω @ 5.0 V
–
2 x 550 mW into 8
Ω @ 3.7 V
–
2 x 230 mW into 8
Ω @ 2.5 V
High Mono Output Power at 10% THD+N
–
1 x 1.90 W into 4
Ω @ 5.0 V
–
1 x 1.00 W into 4
Ω @ 3.7 V
–
1 x 350 mW into 4
Ω @ 2.5 V
Direct Battery Powered Operation
–
Battery Level Monitoring & Compensation
82% Efficiency at 800 mW
Phase-Aligned PWM Output Reduces Idle
Channel Current
Spread Spectrum Modulation
Low Quiescent Current
Stereo Headphone Amplifier
Ground Centered Outputs
–
No DC-Blocking Capacitors Required
–
Integrated Negative Voltage Regulator
High Power Output at -75 dB THD+N
–
2 x 23 mW Into 16
Ω @ 1.8 V
–
2 x 44 mW Into 16
Ω @ 2.5 V
(Features continued on page 2)
Serial Audio
Input/Output
I2C Control
+1.65 V to +3.47 V
Interface Supply
Control Port
Serial Audio Port
Level Shifter
Multi-bit
ΔΣ ADC
Beep
+1.65 V to +2.63 V
Analog Supply
Multi-bit
ΔΣ ADC
ALC
Left HP/Line
Output
Ground-Centered
Amps
Mono mix,
Limiter, Bass,
Treble Adjust
Volume, Mono
Swap, Mix
Right HP/Line
Output
Left
Inputs
Right
Inputs
+1.65 V to +2.63 V
Headphone Supply
Speaker/HP
Switch
+1.60 V to +5.25 V
Battery
Charge Pump
+VHP
-VHP
+1.65 V to +2.63 V
Digital Supply
+1.65 V to +2.63 V
Analog Supply
Pulse-Width
Modulator
(PWM)
Stereo/Mono
Full-Bridge
Speaker
Outputs
Temperature Monitor
Battery Level Monitoring & Compensation
Multi-bit
ΔΣ DAC
MIC Bias
HPF
Selectable
Bias Voltage
Σ
Σ
ALC
Summing
Programmable
Gain Amps
+16 to +32 dB Diff./
S.E. MIC Pre-Amps
Class D Amps
1
2
3
4
1
2
3
4
+
-
+
-
Reset
CS42L52


Similar Part No. - CS42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-CNZ CIRRUS-CS42L52-CNZ Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-CNZR CIRRUS-CS42L52-CNZR Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-DNZ CIRRUS-CS42L52-DNZ Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L52-DNZR CIRRUS-CS42L52-DNZR Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
More results

Similar Description - CS42L52

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
CS42L55 CIRRUS-CS42L55 Datasheet
1Mb / 73P
Ultra Low Power, Stereo CODEC w/Class H Headphone Amp
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com