Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 52Page - Cirrus Logic CS42L52 Datasheet HTML 53Page - Cirrus Logic CS42L52 Datasheet HTML 54Page - Cirrus Logic CS42L52 Datasheet HTML 55Page - Cirrus Logic CS42L52 Datasheet HTML 56Page - Cirrus Logic CS42L52 Datasheet HTML 57Page - Cirrus Logic CS42L52 Datasheet HTML 58Page - Cirrus Logic CS42L52 Datasheet HTML 59Page - Cirrus Logic CS42L52 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
56
DS680A1
CS42L52
6.16.3 PGAx Volume
Sets the volume/gain of the Programmable Gain Amplifier (PGA).
Note:
The PGAxVOL bits are ignored when the PASSTHRUx bit (“Passthru Analog” on page 52) is en-
abled.
6.17 Passthru x Volume: PASSAVOL (Address 14h) & PASSBVOL (Address 15h)
6.17.1 Passthru x Volume
Sets the volume/gain of the signal routed from the PGA to the headphone/line output.
Notes:
1. This register is ignored when the PASSTHRUx bit (“Passthru Analog” on page 52) is disabled.
2. The step size may deviate from 0.5 dB at settings below -40 dB. Code settings 0x95, 0xA1, 0xAD and
0xB9 are not guaranteed to be monotonic.
PGAxVOL[5:0]
Volume
01 1111
12 dB
...
...
01 1000
12 dB
...
...
00 0001
+0.5 dB
00 0000
0 dB
11 1111
-0.5 dB
...
...
10 1000
-6.0 dB
...
...
10 0000
-6.0 dB
Step Size:
0.5 dB
76
543
21
0
PASSxVOL7
PASSxVOL6
PASSxVOL5
PASSxVOL4
PASSxVOL3
PASSxVOL2
PASSxVOL1
PASSxVOL0
PASSxVOL[7:0]
Gain
0111 1111
12 dB
...
...
0001 1000
12 dB
...
...
0000 0001
+0.5 dB
0000 0000
0 dB
11111 1111
-0.5 dB
...
...
1000 1000
-60.0 dB
...
...
1000 0000
-60.0 dB
Step Size:
0.5 dB (approximate)
Application:
“Analog In to Analog Out Passthru” on page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com