Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42L52 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42L52
Description  Low Power, Stereo CODEC w/Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 5Page - Cirrus Logic CS42L52 Datasheet HTML 6Page - Cirrus Logic CS42L52 Datasheet HTML 7Page - Cirrus Logic CS42L52 Datasheet HTML 8Page - Cirrus Logic CS42L52 Datasheet HTML 9Page - Cirrus Logic CS42L52 Datasheet HTML 10Page - Cirrus Logic CS42L52 Datasheet HTML 11Page - Cirrus Logic CS42L52 Datasheet HTML 12Page - Cirrus Logic CS42L52 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
DS680A1
9
CS42L52
1.1
I/O Pin Characteristics
Input and output levels and associated power supply voltage are shown in the table below. Logic levels
should not exceed the corresponding power supply voltage.
VA
16
Analog Power (Input) - Positive power for the internal analog section.
AGND
17
Analog Ground (Input) - Ground reference for the internal analog section.
FILT+
18
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling cir-
cuits.
VQ
19
Quiescent Voltage (Output) - Filter connection for the internal quiescent voltage.
MICBIAS
20
Microphone Bias (Output) - Low noise bias supply for an external microphone. Electrical charac-
teristics are specified in the DC Electrical Characteristics table.
AIN4A,B
AIN3A,B
21,22
23,24
Line-Level Analog Inputs (Input) - Single-ended stereo line-level analog inputs.
MIC1+,-
MIC2+,-
21,23
22,24
Differential Microphone Inputs (Input) - Differential stereo microphone inputs.
MIC2A,B
MIC1A,B
21,22
23,24
Single-Ended Microphone Inputs (Input) - Single-ended stereo microphone inputs.
AIN2A,B
AIN1A,B
25,26
29,30
Line-Level Analog Inputs (Input) - Single-ended stereo line-level analog inputs.
AFILTA,B
27,28 Anti-alias Filter Connection (Output) - Anti-alias filter connection for the ADC inputs.
SPKR/HP
31
Speaker/Headphone Switch (Input) - Powers down the left and/or right channel of the speaker
and/or headphone outputs.
RESET
32
Reset (Input) - The device enters a low power mode when this pin is driven low.
VL
33
Digital Interface Power (Input) - Determines the required signal level for the serial audio inter-
face and host control port.
VD
34
Digital Power (Input) - Positive power for the internal digital section.
DGND
35
Digital Ground (Input) - Ground reference for the internal digital section.
SDOUT
36
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
MCLK
37
Master Clock (Input) - Clock source for the delta-sigma modulators.
SCLK
38
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
SDIN
39
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
LRCK
40
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on
the serial audio data line.
GND/Thermal Pad
-
Ground reference for PWM power FETs and charge pump; thermal relief pad for optimized heat
dissipation.
Power
Supply
Pin Name
I/O
Driver
Receiver
VL
RESET
Input
-
1.65 V - 3.47 V, with Hysteresis
SCL
Input
-
1.65 V - 3.47 V, with Hysteresis
SDA
Input/Output
1.65 V - 3.47 V, CMOS/Open Drain
1.65 V - 3.47 V, with Hysteresis
MCLK
Input
-
1.65 V - 3.47 V
LRCK
Input/Output
1.65 V - 3.47 V, CMOS
1.65 V - 3.47 V
SCLK
Input/Output
1.65 V - 3.47 V, CMOS
1.65 V - 3.47 V
SDOUT
Output
1.65 V - 3.47 V V, CMOS
SDIN
Input
-
1.65 V - 3.47 V
VA
SPKR/HP
Input
-
1.65 V - 2.63 V
VP
SPKR_OUTA+
Output
1.6 V - 5.25 V Power MOSFET
-
SPKR_OUTA-
Output
1.6 V - 5.25 V Power MOSFET
-
SPKR_OUTB+
Output
1.6 V - 5.25 V Power MOSFET
-
SPKR_OUTB-
Output
1.6 V - 5.25 V Power MOSFET
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com