Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 355 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 355 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 351Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 359Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 590 page
background image
Chapter 10 PCI Controller
10-93
10.4.65 PDMAC Configuration Register (PDMCFG)
0xD210
31
22
21
20
19
18
16
Reserved
RSTFIFO
BSWAP
GBRSTI
Reserved
R/W
R/W
R/W
: Type
0
0
0
: Initial value
15
14
13
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
REQDLY
ERRIE NCCMPIE NTCMPIE CHNEN XFRACT
Reserved
XFRMODE
XFRDIRC
CHRST
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W : Type
000
0
0
0
0
0
00
0
1
: Initial value
Bits
Mnemonic
Field Name
Description
31:22
Reserved
21
RSTFIFO
Reset FIFO
Reset FIFO (Initial value: 0, R/W)
Initializes the Read pointer and Write pointer to the FIFO in the PDMAC, and sets the
FIFO hold count to “0”. Please use the software to clear this bit when it is set.
1: Performs FIFO reset.
0: Does not perform FIFO reset.
20
BSWAP
Byte Swap Within
DWORD
Swap Bytes in DWORD (Initial value: 0, R/W)
Specifies whether to perform 32-bit data byte swapping.
Please leave this bit at “0” for normal usage.
Setting this bit when in the Big Endian mode executes data transfer so the byte order
of the 32-bit data on the PCI Bus (which is Little Endian) does not change.
1: Transfer without swapping the byte order of each 32-bit DWORD data.
0: Swap the byte order of each 32-bit DWORD data, then transfer.
19
GBRSTI
G-Bus Burst
Inhibit
G-Bus Burst Inhibit (Initial value: 0, R/W)
1: Do not use burst operations on G-Bus even if the burst mode field specifies burst.
This allows devices that can’t burst to transfer data using bursts on the PCI bus.
This bit applies only to G-Bus data transfers; it has no affect on chain operations.
0: The MDA will use burst operations for G-Bus data transfers when programmed to
do so and if alignment, count, etc. permit.
18:14
Reserved
13:11
REQDLY
Request Delay
Time
Request Delay (Initial value: 0x0, R/W)
G-Bus transactions for DMA transfer must be performed separated at least by the
interval this field specifies.
000:
Continuously try to perform G-Bus transfer.
001:
16 G-Bus clocks
010:
32 G-Bus clocks
011:
64 G-Bus clocks
100:
128 G-Bus clocks
101:
256 G-Bus clocks
110:
512 G-Bus clocks
111:
1024 G-Bus clocks
10
ERRIE
Error Detect
Interrupt Enable
Interrupt Enable on Error (Initial value: 0, R/W)
1: PDMAC generates an error during error detection.
0: PDMAC does not generate an error during error detection.
9
NCCMPIE
Normal Chain
Complete
Interrupt Enable
Interrupt Enable on Chain Done (Initial value: 0, R/W)
1: PDMAC generates an interrupt when the current chain is complete.
0: PDMAC does not generate an interrupt when the current chain is complete.
8
NTCMPIE
Normal Data
Transfer
Complete
Interrupt Enable
Interrupt Enable on Transfer Done (Initial value: 0, R/W)
1: PDMAC generates an interrupt when the current data transfer is complete.
0: PDMAC does not generate an interrupt when the current data transfer is complete.
Figure 10.4.65 PDMAC Configuration Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com