Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 356 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 356 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 352Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 359Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 360Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 590 page
background image
Chapter 10 PCI Controller
10-94
Bits
Mnemonic
Field Name
Description
7
CHNEN
Chain Enable
Chain Enable (Initial value: 0) (Read Only)
When the current data transfer is complete, this field reads the next data command
Descriptor from the address indicated by the PDMAC Chain Address Register then
indicates whether to continue the transfer or not.
This bit is only set to “1” when either a CPU Write process or a Descriptor Read
process sets a value other than “0” in the PDMAC Chain Address Register.
This bit is cleared to “0” if either the Channel Reset bit is set, or “0” is set in the
PDMAC Chain Address Register by a CPU Write or a Descriptor Read process.
1: Reads the next data command Descriptor.
0: Does not read the next data command Descriptor.
6
XFRACT
Transfer Active
Transfer Active (Initial value: 0, R/W)
Specifies whether to perform DMA transfer or not.
Setting this bit after setting the appropriate value in the register group initiates DMA
data transfer.
This bit is not set if the PDMAC Count Register value is “0” and the Chain Enable bit
is cleared when “1” is written to this bit.
Even when a value other than “0” is written to the Chain Address Register, “1” is set to
this bit and DMA transfer automatically starts.
Data transfer will be stopped after a short delay if this bit is cleared while the data
transfer is in progress.
This bit is automatically cleared to “0” either when data transfer ends normally or is
stopped by an error.
1: Perform data transfer.
0: Do not perform data transfer.
5:4
Reserved
3:2
XFRMODE
Transfer Mode
Transfer Size (Initial value: 0, R/W)
Specifies the transfer type (see detailed description in 10.3.9.4).
00: 1 DWORD (32-bit) with no overlap of G-Bus and PCI operation.
01: up to 16 DWORDs with no overlap of G-Bus and PCI operation.
10: Reserved
11: Reserved
1
XFRDIRC
Transfer Direction Transfer Direction (Initial value: 0, R/W)
Specifies the DMA data transfer direction.
1: Transfers data from the G-Bus to the PCI Bus.
0: Transfers data from the PCI Bus to the G-Bus.
0
CHRST
Channel Reset
Channel Reset (Initial value: 1, R/W)
Resets the DMA channel.
This bit must be cleared by the software in advance so the channel can start the data
transfer.
1: All logic and State Machines are reset.
0: The channel becomes valid.
Figure 10.4.65 PDMAC Configuration Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com