Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 357 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 357 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 353Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 359Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 360Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 361Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 590 page
background image
Chapter 10 PCI Controller
10-95
10.4.66 PDMAC Status Register (PDMSTATUS)
0xD214
31
29
28
24
23
20
19
16
Reserved
FIFOCNT
FIFOWP
FIFORP
RR
R
: Type
00000
0x0
0x0
: Initial value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PCIACT ERRINT DONEINT CHNEN XFRACT ACCMP NCCMP NTCMP
Reserved
PCIPERR PCISERR
PCIERR CHNERR DATAERR
R
R
R
R
R
R
R/W1C R/W1C
R/W1C R/W1C R/W1C R/W1C R/W1C : Type
00
00
00
00
00
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:29
Reserved
28:24
FIFOCNT
FIFO Hold Count
FIFO Valid Entry Count (Initial value: 00000, R)
This field indicates the number of DWORDs written to the FIFO but not yet read. This
is a diagnostic function.
23:20
FIFOWP
FIFO Write
Pointer
FIFO Write Pointer (Initial value: 0x0, R)
This field indicates the next Write position in the FIFO. This is a diagnostic function.
19:16
FIFORP
FIFO Read
Pointer
FIFO Read Pointer (Initial value: 0x0, R)
This field indicates the next Read position in the FIFO. This is a dianostic function.
15
Reserved
14
PCIACT
PCI Active
PCI Active (Initial value: 0, R)
1: The PDMAC is requesting to transfer data to or from the PCI bus of it is currently
transferring data.
0: There is no active request or transfer from the PDMAC for the PCI bus.
13
ERRINT
Error Interrupt
Status
Error Interrupt Status (Initial value: 0, R)
Indicates whether to signal an error interrupt.
1: An error interrupt request exists.
0: No error interrupt request exists.
12
DONEINT
Normal Transfer
Complete
Interrupt Status
Normal Transfer Complete Interrupt Status (Initial value: 0, R)
Indicates whether a Normal Transfer Complete Interrupt is signaled.
This bit becomes “1” when either the Normal Chain Complete bit (NCCMP) is set and
the Normal Chain Complete Interrupt Enable bit (NCCMPIE) is set, or when the
Normal Transfer Complete bit (NCCMP) is set and the Normal Transfer Complete
Interrupt Enable bit (NDCMPIE) is set.
1: A Normal Transfer Complete Interrupt request exists.
0: No Normal Transfer Complete Interrupt request exists.
11
CHNEN
Chain Enable
Chain Enable (Initial value: 0, R)
This bit is a copy of the Chain Enable bit in the PDMAC Control Register.
10
XFRACT
Transfer Active
Transfer Active (Initial value: 0, R)
This bit is a copy of the Transfer Active bit in the PDMAC Control Register.
9ACCMP
Abnormal Chain
Completion
Abnormal Chain Complete (Initial value: 0, R)
1: Indicates that the Chain transfer ended in an error state. In other words, this
reflects an OR operation of the PDMAC Status Register bits [4:0].
0: Indicates that no error has occurred in the Chain transfer since the previous error
bit was cleared.
Note: Bits [4:0] of the PDMAC Status Register must be cleared in order to clear this
bit.
8
NCCMP
Normal Chain
Completion
Normal Chain Complete (Initial value: 0, R/W1C)
1: Indicates that the Chain transfer ended in the Normal state.
0: Indicates that Chain transfer has not ended since this bit was previously cleared.
7NTCMP
Normal Data
Transfer
Complete
Normal Data Transfer Complete (Initial value: 0, R/W1C)
1: Indicates that the data transfer specified by the PDMAC Register ended in the
Normal state.
0: Indicates that data transfer has not ended since this bit was previously cleared.
Figure 10.4.66 PDMAC Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com