Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 358 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 358 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 354Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 359Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 360Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 361Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 362Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 590 page
background image
Chapter 10 PCI Controller
10-96
Bits
Mnemonic
Field Name
Description
6:5
Reserved
4
PCIPERR
PCI Parity Error
PCI Parity Error (Initial value: 0, R/W1C)
1: Indicates that there was a parity error on a PCI transaction performed on behalf of
the PDMAC.
0: Indicates that no parity error has been detected on PDMAC PCI transfer since this
bit was cleared.
3
PCISERR
PCI System Error
PCI System Error (Initial value: 0, R/W1C)
1: Indicates that a PCI bus module asserted SERR* during a PCI operation initiated
by the PDMAC.
0: Indicates that SERR* has not been asserted during a PDMAC-initiated PCI cycle
since this bit was last cleared.
2
PCIERR
PCI Fatal Error
PCI Fatal Error (Initial value: 0, R/W1C)
1: Indicates that an error was signaled on the PCI Bus during a PCI operation initiated
by the PDMAC.
0: Indicates that no error has been signaled on the PCI Bus since this bit was
previously cleared.
1CHNERR
G-Bus Chain
Error
G-Bus Chain Bus Error (Initial value: 0, R/W1C)
1: Indicates that a G-Bus error occurred during the Chain process. DMA transfer
stops.
0: Indicates that no G-Bus error has occurred during the Chain process since this bit
was cleared.
0
DATAERR
G-Bus Data Error
G-Bus Data Bus Error (Initial value: 0, R/W1C)
1: Indicates that a G-Bus error occurred during the data transfer process. DMA
transfer stops.
0: Indicates that no G-Bus error has occurred during the data transfer process since
this bit was cleared.
Figure 10.4.66 PDMAC Status Register (2/2)
Figure 10.4.67 PDMAC Interrupt Signaling
DONEINT
PCISE
PCIERR
CHNERR
DATAERR
PCIPE
ERRINT
ERRIE
NCCMP
NCCMPIE
NTCMP
NTCMPIE
Interrupt Controller
(Interrupt No. 15)
ACCMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com