Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 31Page - Renesas Technology Corp UPD6P9 Datasheet HTML 32Page - Renesas Technology Corp UPD6P9 Datasheet HTML 33Page - Renesas Technology Corp UPD6P9 Datasheet HTML 34Page - Renesas Technology Corp UPD6P9 Datasheet HTML 35Page - Renesas Technology Corp UPD6P9 Datasheet HTML 36Page - Renesas Technology Corp UPD6P9 Datasheet HTML 37Page - Renesas Technology Corp UPD6P9 Datasheet HTML 38Page - Renesas Technology Corp UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
33
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
7.1 Functions of POC Circuit
The POC circuit has the following functions:
• Generates an internal reset signal when VDD
≤ VPOC.
• Cancels an internal reset signal when VDD > VPOC.
Here, VDD: power supply voltage, VPOC: POC detection voltage.
Notes 1. Actually, oscillation stabilization wait time must elapse before the circuit is switched to operation mode.
The oscillation stabilization wait time is about 534/fX to 918/fX (when about 134 to 230
µs; @ fX = 4 MHz).
2. For the POC circuit to generate an internal reset signal when the power supply voltage has fallen,
it is necessary for the power supply voltage to be kept less than the VPOC for the period of 1 ms or
more. Therefore, in reality, there is the time lag of up to 1 ms until the reset takes effect.
3. The POC detection voltage (VPOC) varies between approximately 1.7 to 2.0 V; thus, the reset may
be canceled at a power supply voltage smaller than the guaranteed range (VDD = 2.0 to 3.6 V).
However, as long as the conditions for operating the POC circuit are met, the actual lowest operating
power supply voltage becomes lower than the POC detection voltage.
Therefore, there is no
malfunction occurring due to a shortage of power supply voltage. However, malfunction for such
reasons as the clock not oscillating due to low power supply voltage may occur (refer to Cautions
3 in 7 POC CIRCUIT).
7.2 Oscillation Check at Low Supply Voltage
A reliable reset operation can be expected of the POC circuit if it satisfies the condition that the clock can oscillate
even at low power supply voltage (the oscillation start voltage of the resonator being even lower than the POC
detection voltage). Whether this condition is met or not can be checked by measuring the oscillation status in a
product that actually includes a POC circuit, as follows.
<1> Connect a storage oscilloscope to the XOUT pin so that the oscillation status can be measured.
<2> Connect a power supply whose output voltage can be varied and then gradually raise the power supply
voltage VDD from 0 V (making sure to avoid VDD > 3.6V).
At first (during VDD < approx. 1.7 V), the XOUT pin is 0 V regardless of the VDD. However, at the point that VDD
reaches the POC detection voltage (VPOC = 1.85 V (TYP.)), the voltage of the XOUT pin jumps to about 0.5VDD.
Maintain this power supply voltage for a while to measure the waveform of the XOUT pin. If by any chance the
oscillation start voltage of the resonator is lower than the POC detection voltage, the growing oscillation of the XOUT
pin can be confirmed within several ms after the VDD has reached the VPOC.
VDD
3.6 V
2.0 V
VPOC
Approx. 1.7 V
0 V
Internal reset signal
Reset
Operating ambient temperature TA = – 40 to + 85
°C
Clock frequency fX = 3.5 to 4.5 MHz
←POC detection voltage VPOC = 1.85 V (TYP.)Note 3
→ t
Operation mode
↑ Reset
Note 2
↑
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com