Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 23Page - Renesas Technology Corp UPD6P9 Datasheet HTML 24Page - Renesas Technology Corp UPD6P9 Datasheet HTML 25Page - Renesas Technology Corp UPD6P9 Datasheet HTML 26Page - Renesas Technology Corp UPD6P9 Datasheet HTML 27Page - Renesas Technology Corp UPD6P9 Datasheet HTML 28Page - Renesas Technology Corp UPD6P9 Datasheet HTML 29Page - Renesas Technology Corp UPD6P9 Datasheet HTML 30Page - Renesas Technology Corp UPD6P9 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
25
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
tH (
µs)
0.25
1.0
2.5
5.0
8.25
8.25
8.75
8.75
8.75
9.0
9.125
13.25
15.0
25.0
32.0
MOD1
01H
07H
13H
27H
41H
41H
45H
45H
45H
47H
48H
69H
77H
C7H
FFH
MOD0
01H
0BH
13H
27H
41H
85H
89H
8BH
8CH
91H
94H
D5H
77H
C7H
FFH
tL (
µs)
0.25
1.5
2.5
5.0
8.25
16.75
17.25
17.5
17.625
18.25
18.625
26.75
15.0
25.0
32.0
T (
µs)
0.5
2.5
5.0
10
16.5
25
26.0
26.25
26.375
27.25
27.75
40.0
30.0
50.0
64.0
fC (kHz)
2,000
400
200
100
60.6
40
38.5
38.10
37.9
36.7
36.0
25
33.3
20
15.6
Duty
1/2
2/5
1/2
1/2
1/2
1/3
1/3
1/3
1/3
1/3
1/3
1/3
1/2
1/2
1/2
tH
tL
T
Carrier signal
Output from the REM pin is as follows, in accordance with the values set to bit 9 (CARY) of MOD1 and the timer
output enable flag (t9), and the value of the timer block’s 9-bit down counter (t0 to t8).
Table 4-2. REM Pin Output
MOD1 Bit 9 (CARY)
Timer Output Enable Flag
9-Bit Down Counter
REM Pin
(Timer Block t9)
(Timer Block t0 to t8)
——
0
Low-level output
—0
Other than 0
01
Carrier outputNote
1
High-level output
Note Input values in the range of 001H to 1FFH to MOD0 and MOD1.
Caution MOD0 and MOD1 must be set while the REM pin is low level (t9 = 0 or t0 to t8 = 0).
Table 4-3. Example of Carrier Frequency Settings (fX = 4 MHz)
Setting Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com