Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 42Page - Renesas Technology Corp UPD6P9 Datasheet HTML 43Page - Renesas Technology Corp UPD6P9 Datasheet HTML 44Page - Renesas Technology Corp UPD6P9 Datasheet HTML 45Page - Renesas Technology Corp UPD6P9 Datasheet HTML 46Page - Renesas Technology Corp UPD6P9 Datasheet HTML 47Page - Renesas Technology Corp UPD6P9 Datasheet HTML 48Page - Renesas Technology Corp UPD6P9 Datasheet HTML 49Page - Renesas Technology Corp UPD6P9 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
44
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
9.5 I/O Instructions
IN A, P0n
IN A, P1n
<1> Instruction code:
1 111 P4 11 P2 P1 P0
<2> Cycle count:
1
<3> Function:
(A)
← (Pmn) m = 0, 1 n = 0, 1, 3, 4
CY
← 0
The port Pmn data is loaded (read) onto the accumulator.
OUT P0n, A
OUT P1n, A
<1> Instruction code:
0 010 P4 11 P2 P1 P0
<2> Cycle count:
1
<3> Function:
(Pmn)
← (A) m = 0, 1 n = 0, 1, 3, 4
The accumulator contents are transferred to port Pmn to be latched.
ANL A, P0n
ANL A, P1n
<1> Instruction code:
1 101 P4 11 P2 P1 P0
<2> Cycle count:
1
<3> Function:
(A)
← (A) (Pmn) m = 0, 1 n = 0, 1, 3, 4
CY
← A3 • Pmn
The accumulator contents and the port Pmn contents are ANDed and the results are entered in the
accumulator.
ORL A, P0n
ORL A, P1n
<1> Instruction code:
1 110 P4 11 P2 P1 P0
<2> Cycle count:
1
<3> Function:
(A)
← (A) ∨ (Pmn) m = 0, 1 n = 0, 1, 3, 4
CY
← 0
The accumulator contents and the port Pmn contents are ORed and the results are entered in the
accumulator.
XRL A, P0n
XRL A, P1n
<1> Instruction code:
1 010 P4 11 P2 P1 P0
<2> Cycle count:
1
<3> Function:
(A)
← (A) ∨ (Pmn) m = 0, 1 n = 0, 1, 3, 4
CY
← A3 • Pmn
The accumulator contents and the port Pmn contents are exclusive-ORed and the results are entered
in the accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com