Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 58Page - Renesas Technology Corp UPD6P9 Datasheet HTML 59Page - Renesas Technology Corp UPD6P9 Datasheet HTML 60Page - Renesas Technology Corp UPD6P9 Datasheet HTML 61Page - Renesas Technology Corp UPD6P9 Datasheet HTML 62Page - Renesas Technology Corp UPD6P9 Datasheet HTML 63Page - Renesas Technology Corp UPD6P9 Datasheet HTML 64Page - Renesas Technology Corp UPD6P9 Datasheet HTML 65Page - Renesas Technology Corp UPD6P9 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
60
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
13. APPLICATION CIRCUIT EXAMPLE
Example of Application in System
• Remote-control transmitter (48 keys; mode selection switch supported)
Notes 1. When incorporation of a capacitor for oscillation has not been specified by a mask option.
2. S2: Set to disable for STOP mode release.
3. Set pins KI0 to KI3 to "with pull-down resistors".
KI/O6
KI/O7
S0
S1/LED
REM
VDD
XOUT
Note 1
XIN
Note 1
GND
S2
Note 2
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
KI3Note 3
KI2Note 3
KI1Note 3
KI0Note 3
Key matrix
8
× 6 = 48 keys
+
Mode selection
switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com