Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 49Page - Renesas Technology Corp UPD6P9 Datasheet HTML 50Page - Renesas Technology Corp UPD6P9 Datasheet HTML 51Page - Renesas Technology Corp UPD6P9 Datasheet HTML 52Page - Renesas Technology Corp UPD6P9 Datasheet HTML 53Page - Renesas Technology Corp UPD6P9 Datasheet HTML 54Page - Renesas Technology Corp UPD6P9 Datasheet HTML 55Page - Renesas Technology Corp UPD6P9 Datasheet HTML 56Page - Renesas Technology Corp UPD6P9 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
51
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
MOV T, #data10
<1> Instruction code:
0 01101111 1
t1 t9 t8 t7 t6 t0 t5 t4 t3 t2
<2> Cycle count:
1
<3> Function:
(T)
← data10
The immediate data is transferred to the timer register T (t9 to t0).
Remark The timer time is set as follows.
(a)
µPD67, 68, and 69
(Set value + 1)
× 64/fX
(b)
µPD67A and 68A
(Set value + 1)
× 64/fX – 4/fX
MOV M0, #data10
<1> Instruction code:
0 01101011 0
t1 t9 t8 t7 t6 t0 t5 t4 t3 t2
<2> Cycle count:
1
<3> Function:
(M0)
← data10
The immediate data is transferred to the modulo register M0 (t9 to t0).
MOV M1, #data10
<1> Instruction code:
0 01101011 1
t1 t9 t8 t7 t6 t0 t5 t4 t3 t2
<2> Cycle count:
1
<3> Function:
(M1)
← data10
The immediate data is transferred to the modulo register M1 (t9 to t0).
MOV T, @R0
<1> Instruction code:
0 01111111 1
<2> Cycle count:
1
<3> Function:
(T)
← ((P13), (R0))
Transfers the program memory contents to the timer register T (t9 to t0) specified by the control register
P13 and the register pair R10 to R00.
The program memory, which consists of 10 bits, is placed in the following state after the transfer to the
register.
t9
t8
t7
t6
t5
t4
t3
t2
t1
t0
T1
T0
t1
t0
t9
t8
t7
t6
t5
t4
t3
t2
@R0
→
Program memory
Timer
T
The higher 2 to 4 bits of the program memory address are specified by the control register (P13).
Caution When setting a timer value in the program memory, be sure to use the DT
quasi-directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com