Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 15Page - Renesas Technology Corp UPD6P9 Datasheet HTML 16Page - Renesas Technology Corp UPD6P9 Datasheet HTML 17Page - Renesas Technology Corp UPD6P9 Datasheet HTML 18Page - Renesas Technology Corp UPD6P9 Datasheet HTML 19Page - Renesas Technology Corp UPD6P9 Datasheet HTML 20Page - Renesas Technology Corp UPD6P9 Datasheet HTML 21Page - Renesas Technology Corp UPD6P9 Datasheet HTML 22Page - Renesas Technology Corp UPD6P9 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
17
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
3.3 Control Register 0 (P3)
Control register 0 consists of 8 bits. The contents that can be controlled are as shown below.
After reset, the register becomes 0000
×000BNote.
Note
×: Refers to the value based on a decrease of power supply voltage (0 when VDD ≤ VID)
Remark VID: RAM retention detection voltage
Table 3-4. Control Register 0 (P3)
(1)
µPD67, 67A, 68, 68A
Bit
b7Note
b6Note
b5
b4
b3
b2
b1
b0
Name
DP (Data Pointer)
—
ID0
DP11
DP10
DP9
DP8
Setting
0
0
0
0
0
Not retainable Fixed to 0
11
111
Retainable
After reset
0
0
0
0
×
00
0
(2)
µPD69
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
DP (Data Pointer)
—
ID1
ID0
DP11
DP10
DP9
DP8
Setting
0
0
0
0
0
Not retainable Fixed to 0
Specification of
11
111
Retainable
PAGE0 to PAGE3
After reset
0
0
0
0
×
00
0
b0, b1:
Specify RAM pages 0 to 3 (
µPD69 only). Fixed to 0 in the µPD67, 67A, 68, and 68A.
ID1
ID0
RAM
00
Page 0
01
Page 1
10
Page 2
11
Page 3
b3:
RAM retention flag. For function details, refer to 3.3.1 RAM retention flag (bit 3 of P3).
b4 to b7: Specify the higher bits of the ROM data pointer (DP8 to DP11).
Note Set b7 and b6 to 0 in the case of the
µPD67 and 67A, and set b7 to 0 in the case of the µPD68 and 68A.
RAM
retention
flag
RAM
retention
flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com