Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 51Page - Renesas Technology Corp UPD6P9 Datasheet HTML 52Page - Renesas Technology Corp UPD6P9 Datasheet HTML 53Page - Renesas Technology Corp UPD6P9 Datasheet HTML 54Page - Renesas Technology Corp UPD6P9 Datasheet HTML 55Page - Renesas Technology Corp UPD6P9 Datasheet HTML 56Page - Renesas Technology Corp UPD6P9 Datasheet HTML 57Page - Renesas Technology Corp UPD6P9 Datasheet HTML 58Page - Renesas Technology Corp UPD6P9 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
53
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
STTS R0n
<1> Instruction code:
0 00110 R3 R2 R1 R0
<2> Cycle count:
1
<3> Function:
if statuses match
F
← 1
else
F
← 0n = 0 to F
Compares the S0, S1, KI/O, KI, and TIMER statuses with the register R0n contents. If at least one of the
statuses matches the bits that have been set, the status flag F is set (to 1).
If none of them match, the status flag F is cleared (to 0).
STTS #data4
<1> Instruction code:
0 00111000 1
:
0 00000 d3 d2 d1 d0
<2> Cycle count:
1
<3> Function:
if statuses match
F
← 1
else
F
← 0
Compares the S0, S1, S2, KI/O, KI, and TIMER statuses with the immediate data contents. If at least one
of the statuses matches the bits that have been set, the status flag F is set (to 1).
If none of them match, the status flag F is cleared (to 0).
SCAF (Set Carry If ACC = FH)
<1> Instruction code:
1 10101001 1
<2> Cycle count:
1
<3> Function:
if
A = 0FH
CY
← 1
else
CY
← 0
Sets the carry flag CY (to 1) if the accumulator contents are FH.
The accumulator values after executing the SCAF instruction are as follows:
Accumulator Value
Carry Flag
Before Execution
After Execution
×××0
0000
0 (clear)
××01
0001
0 (clear)
×011
0011
0 (clear)
0111
0111
0 (clear)
1111
1111
1 (set)
Remark
×: don’t care
NOP
<1> Instruction code:
0 00000000 0
<2> Cycle count:
1
<3> Function:
PC
← PC + 1
No operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com