Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 22Page - Renesas Technology Corp UPD6P9 Datasheet HTML 23Page - Renesas Technology Corp UPD6P9 Datasheet HTML 24Page - Renesas Technology Corp UPD6P9 Datasheet HTML 25Page - Renesas Technology Corp UPD6P9 Datasheet HTML 26Page - Renesas Technology Corp UPD6P9 Datasheet HTML 27Page - Renesas Technology Corp UPD6P9 Datasheet HTML 28Page - Renesas Technology Corp UPD6P9 Datasheet HTML 29Page - Renesas Technology Corp UPD6P9 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
24
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
4.3.2 Carrier output control
Remote controller carrier can be output from the REM pin by clearing (0) bit 9 (CARY) of the modulo register
for setting the high-level period (MOD1).
When performing carrier output, be sure to set the timer operation after setting the MOD0 and MOD1 values.
Note that a malfunction may occur if the values of MOD0 and MOD1 are changed while carrier is being output from
the REM pin.
Executing the timer manipulation instruction starts the carrier output from the low level.
If the timer’s down counter reaches 0 during carrier output, carrier output is stopped and the REM pin becomes
low level. If the down counter reaches 0 while the carrier output is high level, carrier output will stop after first
becoming low level following the set period of high level.
Figure 4-4. Timer Output (When Carrier Is Output)
(a)
µPD67, 68, and 69
(b)
µPD67A and 68A
Notes 1. If the down counter reaches 0 while the carrier output is high level, carrier output will stop after
becoming low level.
2. As shown in figure (b) above, in the
µPD67A and 68A, because the timer output time is 4/fX shorter
(1
µs: fX = 4 MHz) than in the µPD67, 68, and 69, the down counter reaches 0 while the carrier output
is low level, so the carrier may be one clock shorter than in the
µPD67, 68, and 69.
Timer output time: (Set value+1)
× 64/fX
LED
REM
Note 1
tH
tL
Timer manipulation instruction
Timer output time: (Set value+1)
× 64/fX – 4/fX
LED
REM
Note 2
tH
tL
Timer manipulation instruction
4/fX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com