Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6P9 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 43Page - Renesas Technology Corp UPD6P9 Datasheet HTML 44Page - Renesas Technology Corp UPD6P9 Datasheet HTML 45Page - Renesas Technology Corp UPD6P9 Datasheet HTML 46Page - Renesas Technology Corp UPD6P9 Datasheet HTML 47Page - Renesas Technology Corp UPD6P9 Datasheet HTML 48Page - Renesas Technology Corp UPD6P9 Datasheet HTML 49Page - Renesas Technology Corp UPD6P9 Datasheet HTML 50Page - Renesas Technology Corp UPD6P9 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
45
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
OUT Pn, #data8
<1> Instruction code:
0 011011 P2 P1 P0
:
0d7 d6 d5 d4 0d3 d2 d1 d0
<2> Cycle count:
1
<3> Function:
(Pn)
← data8 n = 0, 1, 3, 4
The immediate data is transferred to port Pn. In this case, port Pn refers to P1n to P0n operating in pairs.
9.6 Data Transfer Instructions
MOV A, R0n
MOV A, R1n
<1> Instruction code:
1 111 R4 0R3 R2 R1 R0
<2> Cycle count:
1
<3> Function:
(A)
← (Rmn) m = 0, 1 n = 0 to F
CY
← 0
The register Rmn contents are transferred to the accumulator.
MOV A, @R0H
<1> Instruction code:
1 11101000 0
<2> Cycle count:
1
<3> Function:
(A)
← ((P13), (R0))7-4
CY
← 0
The higher 4 bits (b7 b6 b5 b4) of the program memory specified by control register P13 and register pair
R10-R00 are transferred to the accumulator. b9 is ignored.
MOV A, @R0L
<1> Instruction code:
1 11111000 0
<2> Cycle count:
1
<3> Function:
(A)
← ((P13), (R0))3-0
CY
← 0
The lower 4 bits (b3 b2 b1 b0) of the program memory specified by control register P13 and register pair
R10 to R00 are transferred to the accumulator. b8 is ignored.
• Program memory (ROM) contents
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
@R0 H@R0 L
MOV A, #data4
<1> Instruction code:
1 11111000 1
:
0 00000 d3 d2 d1 d0
<2> Cycle count:
1
<3> Function:
(A)
← data4
CY
← 0
The immediate data is transferred to the accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com