Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 23 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 23 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 19Page - LSI Computer Systems 80221 Datasheet HTML 20Page - LSI Computer Systems 80221 Datasheet HTML 21Page - LSI Computer Systems 80221 Datasheet HTML 22Page - LSI Computer Systems 80221 Datasheet HTML 23Page - LSI Computer Systems 80221 Datasheet HTML 24Page - LSI Computer Systems 80221 Datasheet HTML 25Page - LSI Computer Systems 80221 Datasheet HTML 26Page - LSI Computer Systems 80221 Datasheet HTML 27Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
80220/80221
4-23
MD400159/E
23
The AutoNegotiation algorithm is initiated by any of the
following events: (1) Powerup, (2) device reset, (3) Au-
toNegotiation reset, (4) AutoNegotiation enabled, or (5) a
device enters the Link Fail State. Once a negotiation has
been initiated, the 80220/80221 first determines if the
remote device has AutoNegotiation capability.
If the
remote device is not AutoNegotiation capable and is just
transmitting either a 10Base-T or 100Base-TX signal, the
80220/80221 will sense that and place itself in the correct
mode. If the 80220/80221 detects FLP's from the remote
device, then the remote device is determined to have
AutoNegotiation capability and the device then uses the
contents of the MI serial port AutoNegotiation Advertise-
ment register and FLP's to advertise its capabilities to a
remote device. The remote device does the same, and the
capabilities read back from the remote device are stored in
the MI serial port AutoNegotiation Remote End Capability
register.
The 80220/80221 negotiation algorithm then
matches it's capabilities to the remote device's capabilities
and determines what mode the device should be config-
ured to according to the priority resolution algorithm de-
fined in IEEE 802.3 Clause 28. Once the negotiation
process is completed, the 80220/80221 then configures
itself for either 10 or 100 Mbps mode and either Full or Half
Duplex modes (depending on the outcome of the negotia-
tion process), and it switches to either the 100Base-TX or
10Base-T link integrity algorithms (depending on which
mode was enabled by AutoNegotiation). Refer to IEEE
802.3 Clause 28 for more details.
3.13.5 AutoNegotiation Outcome Indication
The outcome or result of the AutoNegotiation process is
stored in the speed detect and duplex detect bits in the MI
serial port Status Output register.
3.13.6 AutoNegotiation Status
The status of the AutoNegotiation process can be moni-
tored by reading the AutoNegotiation status bits in the MI
serial port Status register.
The MI serial port Status
register contains a single AutoNegotiation acknowledge-
ment bit which indicates when an AutoNegotiation has
been initiated and successfully completed.
TX_DI
±
TX_DI
±
a.) Normal Link Pulse (NLP)
b.) Fast Link Pulse (FLP)
D0
D15
D14
D3
D2
D1
Clock
Clock
Clock
Clock
Clock
Clock
Clock
Data
Data
Data
Data
Data
Data
Figure 8. NLP vs. FLP Link Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com