Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 57 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 57 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 53Page - LSI Computer Systems 80221 Datasheet HTML 54Page - LSI Computer Systems 80221 Datasheet HTML 55Page - LSI Computer Systems 80221 Datasheet HTML 56Page - LSI Computer Systems 80221 Datasheet HTML 57Page - LSI Computer Systems 80221 Datasheet HTML 58Page - LSI Computer Systems 80221 Datasheet HTML 59Page - LSI Computer Systems 80221 Datasheet HTML 60Page - LSI Computer Systems 80221 Datasheet HTML 61Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
80220/80221
4-57
MD400159/E
57
T
OIA
TP Output Current
19
20
21
mA pk
100 Mbps, UTP with TLVL[3:0]=1000
15.53
16.33
17.13
mA pk
100 Mbps, STP with TLVL[3:0]=1000
44
50
56
mA pk
10 Mbps, UTP with TLVL[3:0]=1000
35.93
40.82
45.72
mA pk
10 Mbps, STP with TLVL[3:0]=1000
T
OIR
TP Output Current
0.80
1.2
V
CC = 5 V, Adjustable with REXT,
Adjustment Range
relative to T
OIA
with REXT=10K
0.86
1.16
V
CC = 5 V, Adjustable with TLVL[3:0]
See Section 5.4
Relative to Value at TLVL[3:0]=1000
T
ORA
TP Output Current
+/-50
%
Relative to Ideal Values in Table 3.
TLVL Step Accuracy
Table 3 Values Relative to Output with
TLVL[3:0]=1000.
T
OR
TP Output Resistance
10K
Ohm
T
OC
TP Output Capacitance
15
pF
TWISTED PAIR CHARACTERISTICS, TRANSMIT (continued)
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com