Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 25 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 25 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 21Page - LSI Computer Systems 80221 Datasheet HTML 22Page - LSI Computer Systems 80221 Datasheet HTML 23Page - LSI Computer Systems 80221 Datasheet HTML 24Page - LSI Computer Systems 80221 Datasheet HTML 25Page - LSI Computer Systems 80221 Datasheet HTML 26Page - LSI Computer Systems 80221 Datasheet HTML 27Page - LSI Computer Systems 80221 Datasheet HTML 28Page - LSI Computer Systems 80221 Datasheet HTML 29Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
80220/80221
4-25
MD400159/E
25
3.16 FULL DUPLEX MODE
3.16.1 100 Mbps
Full Duplex mode allows transmission and reception to
occur simultaneously. When Full Duplex mode is enabled,
collision is disabled and internal TX_EN to CRS loopback
is disabled.
The device can be either forced into Half or Full Duplex
mode, or the device can detect either Half or Full Duplex
capability from a remote device and automatically place
itself in the correct mode.
The device can be forced into the Full or Half Duplex
modes by setting the duplex bit in the MI serial port Control
register.
The device can automatically configure itself for Full or
Half Duplex modes by using the AutoNegotiation algo-
rithm to advertise and detect Full and Half Duplex capabili-
ties to and from a remote terminal. All of this is described
in detail in the Link Integrity and AutoNegotiation section.
3.16.2 10 Mbps
Full Duplex in 10 Mbps mode is identical to the 100 Mbps
mode.
3.16.3 Full Duplex Indication
Full Duplex detection can be monitored through the duplex
bit in the MI serial port Status Output register, or it can also
be programmed to appear on the PLED1 pin by appropri-
ately setting the programmable LED output select bits in
the MI serial port Configuration 2 register as described in
Table 5. When the PLED1 pin is programmed to be a Full
Duplex detect output, this pin is asserted low when the
device is configured for Full Duplex operation. The PLED1
output has both pullup and pulldown driver transistors and
a weak pullup resistor, so it can drive an LED from either
VCC or GND and can also drive a digital input.
3.17 100/10 MBPS SELECTION
3.17.1 General
The device can be forced into either the 100 or 10 Mbps
mode, or the device also can detect 100 or 10 Mbps
capability from a remote device and automatically place
itself in the correct mode.
The device can be forced into either the 100 or 10 Mbps
mode by setting the speed select bit in the MI serial port
Control register.
The device can automatically configure itself for 100 or 10
Mbps mode by using the AutoNegotiation algorithm to
advertise and detect 100 and 10 Mbps capabilities to and
from a remote terminal. All of this is described in detail in
the Link Integrity & AutoNegotiation section.
3.17.2 10/100 Mbps Indication
The device speed (100/10 Mbps) can be determined
through the speed bit in the MI serial port Status Output
register, or it can also be programmed to appear on the
PLED0 pin by setting the
programmable LED output
select bits in the MI serial port Configuration 2 register.
When the PLED0 pin is programmed to be speed detect
output, this pin is asserted low when the device is config-
ured for 100 Mbps operation. The PLED0 output has both
pullup and pulldown driver transistors and a weak pullup
resistor, so it can drive an LED from either VCC or GND
and can also drive a digital input.
3.18 LOOPBACK
3.18.1 Internal CRS Loopback
TX_EN is internally looped back onto CRS during every
transmit packet. This internal CRS loopback is disabled
during collision, in Full Duplex mode, in Link Fail State, and
when the transmit disable bit is set in the MI serial port
Configuration 1 register. In 10 Mbps mode, internal CRS
loopback is also disabled when jabber is detected.
The internal CRS loopback can be disabled by setting the
TX_EN to CRS loopback disable bit in the MI serial port
Configuration 1 register. When this bit is set, TX_EN is no
longer looped back to CRS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com