Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 61 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 61 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 57Page - LSI Computer Systems 80221 Datasheet HTML 58Page - LSI Computer Systems 80221 Datasheet HTML 59Page - LSI Computer Systems 80221 Datasheet HTML 60Page - LSI Computer Systems 80221 Datasheet HTML 61Page - LSI Computer Systems 80221 Datasheet HTML 62Page - LSI Computer Systems 80221 Datasheet HTML 63Page - LSI Computer Systems 80221 Datasheet HTML 64Page - LSI Computer Systems 80221 Datasheet HTML 65Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
80220/80221
4-61
MD400159/E
61
Figure 17. Transmit Timing - 100 Mbps
TX_CLK
TX_EN
CRS
TXD [3:0]
t
11
TX_ER
PLEDn
TPO
±
t13
t14
t14
t18
t16
t15
t17
N0
N3
N2
N1
t21
t22
t27
t23
t28
/J/K/
IDLE
/T/R/
t24
19
tt20
t12
DATA
IDLE
IDLE
MII 100MBPS
FBI 100MBPS
Same as MII 100Mbps Except:
1. TX_ER Converted to TXD4
2. RX_ER Converted to RXD4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com