Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 85 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 85 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 81Page - LSI Computer Systems 80221 Datasheet HTML 82Page - LSI Computer Systems 80221 Datasheet HTML 83Page - LSI Computer Systems 80221 Datasheet HTML 84Page - LSI Computer Systems 80221 Datasheet HTML 85Page - LSI Computer Systems 80221 Datasheet HTML 86Page - LSI Computer Systems 80221 Datasheet HTML 87Page - LSI Computer Systems 80221 Datasheet HTML 88Page - LSI Computer Systems 80221 Datasheet HTML 89Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
80220/80221
4-85
MD400159/E
85
Page 29, Figure 9 MI Serial Port Frame Timing Diagram:
- References to ST, OP, PHYAD, REGAD, TA, DATA have been changed to ST[1:0], OP[1:0],
PHYAD[4:0], REGAD[4:0], TA[1:0], DATA[15:0], for both Write Cycle and Read Cycle.
Page 30, Reference to Sections 3.25 have been changed to 3.26.
Page 38, Table 14. MI Register 4 (AutoNegotiation Advertisement ) Structure:
- Bit 4.15, reference to Note 1 has been added. Note 1. Next Page currently not supported.
Page 43, Table 19. MI Register 19 (Mask) Structure and Bit Definition:
- Def. 19.3, 19.2, 19.1 19.0 have been changed from 1 to 0.
- Read Writes to 19.3, 19.2, 19.1 19.0 have been changed from R/W to R.
Page 49, Section 5.4 TP TRANSMIT OUTPUT CURRENT SET:
- Copy change ...Where I
Ref = 33.4 mA (10 Mbps, STP)
has been changed
to I
Ref = 40.8 mA (10 Mbps, STP)
General:
- Section 5.7 Return Loss has been removed, all references to 5.8 have been changed to 5.7. All following
references to 5.8, 5.9, 5.10 have been changed to 5.7, 5.8, 5.9 etc.
Page 51, Section 5.9.1 MII Based Repeaters:
- Paragraph 2 copy has been changed to ...For most repeaters, it is necessary to disable the internal CRS
loopback. This ...
- New paragraph 3 and paragraph 4 have been added to section.
Section 5.9.2 Non_MII Based Repeaters:
- Paragraph 3 copy has been changed to ...For most repeaters, it is necessary to disable the internal CRS
loopback. This ...
- New paragraph 4 have been added to section.
Page 54, Section 5.14 PROGRAMMABLE LED DRIVERS:
- Paragraph 1 has been changed to ...The PLED[5:0] outputs can all drive LED's tied to VCC as shown in Figures
11-13. In addition, PLED1 and PLED0 can drive an LED tied to GND as well as VCC.
- Paragraph 6 references to PLED[3:0] have been changed to PLED[5:0]
- Paragraph 7, Note that PLED3... has been changed to ...Note that PLED1 and PLED0 pins have both pullup
and pulldown transistors. This...
Page 55, DC Electrical Characteristics:
- I
IL Conditions TRFAD1, T4LNK, has been changed to TRFAD[1:0], T4LNK, TPI±.
- New I
IL row has been added, Conditions = TRFADJ0, Unit = µA, and LIMIT (MAX) = ±10.
- I
IL Conditions MDA[4:0] LIMIT (MIN) has been changed from -6 to 4.
- I
IL Conditions MDA[4:0] LIMIT (TYP), has been made blank.
- I
IL Conditions TRFADJ1, T4LNK LIMIT (TYP), has been made blank.
- I
IL Conditions TRFADJ1, T4LNK LIMIT (MAX), has been changed from -50 to -120
- I
IH Conditions, All Except OSCIN, TRFADJ0, T4ADV, has been changed to All Except OSCIN,
TRFADJ[1:0], T4ADV, TPI
±
- New I
IH row has been added Conditions = TRFADJ1, Unit = µA, and LIMIT (MAX) = ±10.
- I
IL Conditions TRFADJ0, T4ADV LIMIT (TYP), has been made blank.
- I
IL Conditions TRFADJ0, T4ADV LIMIT (MAX), has been changed from 50 to 120.
- V
OH Conditions IOH = 6 µA PLED[5:0], MDINT has been changed to IOH = 4 µA PLED[5:2], MDINT.
- New V
OH row has been added LIMIT (MIN) = VCC - 1.0, Unit = Volt, IOH = 10 mA, PLED[1:0]
- I
IL Conditions TRFADJ0, has been changed to VIN = GND, TRFADJ0
- I
IL Conditions MDA[4:0], has been changed to VIN = GND, MDA[4:0]
- I
IL Conditions TRFADJ1, T4LNK, has been changed to VIN = GND, TRFADJ1, T4LNK
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com