Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 52 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 52 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 48Page - LSI Computer Systems 80221 Datasheet HTML 49Page - LSI Computer Systems 80221 Datasheet HTML 50Page - LSI Computer Systems 80221 Datasheet HTML 51Page - LSI Computer Systems 80221 Datasheet HTML 52Page - LSI Computer Systems 80221 Datasheet HTML 53Page - LSI Computer Systems 80221 Datasheet HTML 54Page - LSI Computer Systems 80221 Datasheet HTML 55Page - LSI Computer Systems 80221 Datasheet HTML 56Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
80220/80221
MD400159/E
52
The FBI requires 16 signals between the 80220/80221 and
a repeater core. The FBI signal count to a repeater core
will be 16 multiplied by the number of ports, which can be
quite large. The signal count between the 80220/80221
and repeater core can be reduced by 8 per device by
sharing the receive output pins and using RX_EN to
enable only that port where CRS is asserted. Refer to the
Controller Interface section within the Applications section
for more details on RX_EN.
5.9.3 Clocks
Normally, transmit data over the MII/FBI is clocked into the
80220/80221 with edges from the output clock TX_CLK. It
may be desireable or necessary in some repeater applica-
tions to clock in the transmit data from a master clock from
the repeater core. This would require that transmit data be
clocked in on edges of an input clock. An input clock is
available for clocking in data on TXD with the OSCIN pin.
Notice from the timing diagrams that OSCIN generates
TX_CLK, and TXD data is clocked in on TX_CLK edges.
This means that TXD data is also clocked in on OSCIN
edges as well. Thus, an external clock driving the OSCIN
input can also be used as the clock for TXD.
5.10 SERIAL PORT
5.10.1 General
The 80220/80221 has a MI serial port to access the
devices's configuration inputs and read out the status
outputs.
Any external device that has a IEEE 802.3
compliant MI interface can connect directly to the 80220/
80221 without any glue logic, as shown in Figures 11-13.
As described earlier, the MI serial port consists of 8 lines:
MDC, MDIO, MDINT, and MDA[4:0]. However, only 2
lines, MDC and MDIO, are needed to shift data in and out;
MDINT and MDA[4:0] are not needed but are provided for
convenience only.
Note that the MDA[4:0] addresses are inverted inside the
80220/80221 before going to the MI serial port block. This
means that the MDA[4:0] pins would have to be pin
strapped to 11111 externally in order to successfully
match the MI physical address of 00000 on the PHYAD[4:0]
bits internally.
5.10.2 Polling vs. Interrupt
The status output bits can be monitored by either polling
the serial port or with interrupt.
If polling is used, the registers can be read at regular
intervals and the status bits can be checked against their
previous values to determine any changes. To make
polling simpler, all the registers can be accessed in a single
read or write cycle by setting the register address bits
REGAD[4:0] to 11111 and adding enough clocks to read-
out out all the bits, provided the multiple register access
feature has been enabled.
The interrupt feature offers the ability to detect changes in
the status output bits without register polling. Assertion of
interrupt indicates that one or more of the status output bits
has changed since the last read cycle. There are three
interrupt output indicators on the 80220/80221: (1) MDINT
pin, (2) INT bit in the MI serial port Status Output register,
and (3) interrupt pulse on MDIO. These interrupt signals
can be used by an external device to initiate a read cycle.
Then when an interrupt is detected, the individual registers
(or multiple registers) can be read out and the status bits
compared against their previous values to determine any
changes. After the interrupt its have been read out, the
interrupt signals are automatically deasserted. A mask
register bit exists for every status output bit in the Mask
register so that the interrupt bits can be individually pro-
grammed for each application.
5.10.3 Multiple Register Access
If the MI serial port needs to be constantly polled in order
to monitor changes in status output bits, or if it is desired
that all registers be read or written in a singleserial port
access cycle, multiple register access mode can be used.
Multiple register access allows access to all registers in a
single MI serial port access cycle. When multiple register
access is enabled, then all the registers are read/written
when the register address REGAD[4:0]=11111.
This
eliminates the need to read or write registers individually.
Multiple register access mode is normally disabled but it
can be enabled by setting the multiple register access
enable bit in the MI serial port Configuration 2 register.
5.10.4 Serial Port Addressing
The device address for the MI serial port are selected by
tying the MDA[4:0] pins to the desired value. MDA[4:0]
share the same pins as the MDINT and PLED[3:0] out-
puts, respectively, as shown Figure 15a. At powerup or
reset, the output drivers are tristated for an interval called
the power-on reset time.
During the power-on reset
interval, the value on these pins is latched into the device,
inverted, and used as the MI serial port address. The LED
outputs are open drain with internal resistor pullup to VCC.
If an LED is desired on the LED outputs, then an LED and
resistor are tied to VCC as shown in Figures 15b. If a high
address is desired, then the LED to VCC automatically
makes the latched address value a high. If a low value for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com