Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 34 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 34 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 30Page - LSI Computer Systems 80221 Datasheet HTML 31Page - LSI Computer Systems 80221 Datasheet HTML 32Page - LSI Computer Systems 80221 Datasheet HTML 33Page - LSI Computer Systems 80221 Datasheet HTML 34Page - LSI Computer Systems 80221 Datasheet HTML 35Page - LSI Computer Systems 80221 Datasheet HTML 36Page - LSI Computer Systems 80221 Datasheet HTML 37Page - LSI Computer Systems 80221 Datasheet HTML 38Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
80220/80221
MD400159/E
34
Table 10. MI Register 0 (Control) Structure And Bit Definition
0.15
0.14
0.13
0.12
0.11
0.10
0.9
0.8
RST
LPBK
SPEED
ANEG_EN
PDN
MII_DIS
ANEG_RST
DPLX
R/WSC
R/W
R/W
R/W
R/W
R/W
R/WSC
R/W
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
COLTST
0
0
00000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Symbol
Name
Definition
R/W
Def.
0.15
RST
Reset
1 = Reset, Bit Self Clearing After Reset Completed
R/W
0
0 = Normal
SC
0.14
LPBK
Loopback Enable
1 = Loopback Mode Enabled
R/W
0
0 = Normal
0.13
SPEED
Speed Select
1 = 100 Mbps Selected (100BaseTX)
R/W
1
0 = 10 Mbps Selected (10BaseT)
0.12
ANEG_EN
AutoNegotiation
1 = AutoNegotiation Enabled
R/W
1
Enable
0 = Normal
0.11
PDN
Powerdown Enable
1 = Powerdown
R/W
0
0 = Normal
0.10
MII_DIS
MII Interface
1 = MII Interface Disabled
R/W
11
Disable
0 = Normal
0.9
ANEG_RST
AutoNegotiation
1 = Restart AutoNegotiation Process, Bit Self
R/W
0
Reset
Clearing After Reset Completed
SC
0 = Normal
0.8
DPLX
Duplex Mode
1 = Full Duplex
R/W
0
Select
0 = Half Duplex
0.7
COLTST
Collision Test
1 = Collision Test Enabled
R/W
0
Enable
0 = Normal
0.6
Reserved
R/W
0
thru
0.0
x.15 Bit Is Shifted First
Note 1: if MDA[4:0] not = 11111, then the MII_DIS default value is changed to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com