Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 38 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 38 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 34Page - LSI Computer Systems 80221 Datasheet HTML 35Page - LSI Computer Systems 80221 Datasheet HTML 36Page - LSI Computer Systems 80221 Datasheet HTML 37Page - LSI Computer Systems 80221 Datasheet HTML 38Page - LSI Computer Systems 80221 Datasheet HTML 39Page - LSI Computer Systems 80221 Datasheet HTML 40Page - LSI Computer Systems 80221 Datasheet HTML 41Page - LSI Computer Systems 80221 Datasheet HTML 42Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
80220/80221
MD400159/E
38
Table 14. MI Register 4 (AutoNegotiation Advertisement) Structure
4.15
4.14
4.13
4.12
4.11
4.10
4.9
4.8
NP
ACK
RF
0
0
0
T4
TX_FDX
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
4.7
4.6
4.5
4.4
4.3
4.2
4.1
4.0
TX_HDX
10_FDX
10_HDX
0000
CSMA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Symbol
Name
Definition
R/W
Def.
4.15
NP
Next Page Enable
1 = Next Page Exists [1]
R/W
0
0 = No Next Page
4.14
ACK
Acknowledge
1 = Received AutoNegotiation Word Recognized
R
0
0 = Not Recognized
4.13
RF
Remote Fault
1 = AutoNegotiation Remote Fault Detected
R/W
0
Enable
0 = No Remote Fault
4.12
Reserved
R/W
0
4.11
0
4.10
0
4.9
T4
100Base-T4
1 = Capable Of 100Base-T4
R/W
0
Capable
0 = Not Capable
4.8
TX_FDX
100Base-TX Full
1 = Capable of 100Base-TX Full Duplex
R/W
1
Duplex Capable
0 = Not Capable
4.7
TX_HDX
100Base-TX Half
1 = Capable Of 100Base-TX Half Duplex
R/W
1
Duplex Capable
0 = Not Capable
4.6
10_FDX
10Base-T Full
1 = Capable Of 10Base-T Full Duplex
R/W
1
Duplex Capable
0 = Not Capable
4.5
10_HDX
10Base-T Half
1 = Capable Of 10Base-T Half Duplex
R/W
1
Duplex Capable
0 = Not Capable
4.4
Reserved
R/W
0
thru
0
4.1
0
0
4.0
CSMA
CSMA 802.3
1 = Capable of 802.3 CSMA Operation
R/W
1
Capable
0 = Not Capable
x.15 Bit Is Shifted First
Note 1. Next Page currently not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com