Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 83 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 83 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 79Page - LSI Computer Systems 80221 Datasheet HTML 80Page - LSI Computer Systems 80221 Datasheet HTML 81Page - LSI Computer Systems 80221 Datasheet HTML 82Page - LSI Computer Systems 80221 Datasheet HTML 83Page - LSI Computer Systems 80221 Datasheet HTML 84Page - LSI Computer Systems 80221 Datasheet HTML 85Page - LSI Computer Systems 80221 Datasheet HTML 86Page - LSI Computer Systems 80221 Datasheet HTML 87Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
80220/80221
4-83
MD400159/E
83
7.0 Ordering Information
N
PACKAGE
TYPE
TEMPERATURE
RANGE
PART TYPE
Q – 0
°C to +70°C
100 Base-TX/10 Base-T
Ethernet Media Interface Adapter
80220
Q
Chip Carrier
N = Plastic Leaded
7.1 44 Pin PLCC
7.2 64 Pin LQFP
Revision History
2/20/97
- 2/20/97 initial release.
6/30/97
6/30/97 Document Revision changed to MD400159/B
Page 2, Pin Configuration 80221 80 PQFP:
- Pin #30 changed from NC to RPTR
Page 4, Table of Contents:
- 3.25 Repeater Mode, has been added to Table of Contents.
- All previous references to 3.25 have been changed to 3.26
- Reference to 5.7 Return Loss has been removed.
- All references to Sections 5.8, 5.9, 5.10, 5.11 etc. have been changed to 5.7, 5.8, 5.9, 5.11 etc.
L
PACKAGE
TYPE
TEMPERATURE
RANGE
PART TYPE
Q – 0
°C to +70°C
100 Base-TX/10 Base-T
Ethernet Media Interface Adapter
80221
Q
L = Low Profile Quad
Flat Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com