Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80221 Datasheet(PDF) 60 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 60 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 56Page - LSI Computer Systems 80221 Datasheet HTML 57Page - LSI Computer Systems 80221 Datasheet HTML 58Page - LSI Computer Systems 80221 Datasheet HTML 59Page - LSI Computer Systems 80221 Datasheet HTML 60Page - LSI Computer Systems 80221 Datasheet HTML 61Page - LSI Computer Systems 80221 Datasheet HTML 62Page - LSI Computer Systems 80221 Datasheet HTML 63Page - LSI Computer Systems 80221 Datasheet HTML 64Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
80220/80221
MD400159/E
60
TRANSMIT TIMING CHARACTERISTICS
Refer to Figure 17-18 for Timing Diagram
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
t
11
TX_CLK Period
39.996
40
40.004
nS
100 Mbps
399.96
400
400.04
nS
10 Mbps
t
12
TX_CLK Low Time
16
20
24
nS
100 Mbps
160
200
240
nS
10 Mbps
t
13
TX_CLK High Time
16
20
24
nS
100 Mbps
160
200
240
nS
10 Mbps
t
14
TX_CLK Rise/Fall Time
10
nS
t
15
TX_EN Setup Time
15
nS
t
16
TX_EN Hold Time
0
nS
t
17
CRS During Transmit
40
nS
100 Mbps
400
nS
10 Mbps
t
18
CRS During Transmit
160
nS
100 Mbps
900
nS
10 Mbps
t
19
TXD Setup Time
15
nS
t
20
TXD Hold Time
0
nS
t
21
TX_ER Setup Time
15
nS
t
22
TX_ER Hold Time
0
nS
t
23
Transmit Propagation Delay
60
140
nS
100 Mbps, MII
140
nS
100 Mbps, FBI
600
nS
10 Mbps
t
24
Transmit Output Jitter
±0.7
nS pk-pk
100 Mbps
±5.5
nS pk-pk
10 Mbps
t
25
Transmit SOI Pulse
250
nS
10 Mbps
Width To 0.3V
t
26
Transmit SOI Pulse
4500
nS
10 Mbps
Width to 40 mV
t
27
PLEDn Delay Time
25
mS
PLEDn Programmed For
Activity
t
28
PLEDn Pulse Width
80
105
mS
PLEDn Programmed For
Activity
Assert Time
Deassert Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com