Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004/D Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
1-16
DSP56004/D, Rev. 3
MOTOROLA
Signal/Connection Descriptions
General Purpose I/O
GENERAL PURPOSE I/O
ON-CHIP EMULATION (OnCETM) PORT
There are four signals associated with the OnCE port controller and its serial
interface.
Table 1-11
General Purpose I/O (GPIO) Signals
Signal
Name
Signal
Type
State during
Reset
Signal Description
GPIO0–
GPIO3
Standard
Output,
Open-drain
Output, or
Input
Disconnected
GPIO lines can be used for control and handshake
functions between the DSP and external circuitry.
Each GPIO line can be configured individually as
disconnected, open-drain output, standard output,
or an input.
Note:
Hardware reset or software reset configures all
the GPIO lines as disconnected (external
circuitry connected to these pins may need pull-
ups until the pins are configured for operation).
Table 1-12
On-Chip Emulation Port Signals
Signal
Name
Signal
Type
State during
Reset
Signal Description
DSI
OS0
Input
Output
Output,
Driven Low
Debug Serial Input (DSI)
—The DSI signal is the signal
through which serial data or commands are provided to the
OnCE port controller. The data received on the DSI signal
will be recognized only when the DSP has entered the
Debug mode of operation. Data must have valid TTL logic
levels before the serial clock falling edge. Data is always
shifted into the OnCE port Most Significant Bit (MSB) first.
Operating Status 0 (OS0)—
When the DSP is not in the Debug
mode, the OS0 signal provides information about the DSP
status if it is an output and used in conjunction with the OS1
signal. When switching from output to input, the signal is
tri-stated.
Note:
If the OnCE port is in use, an external pull-down resistor
should be attached to the DSI/OS0 signal. If the OnCE
port is not in use, the resistor is not required.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com