Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004/D Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
Specifications
External Memory Interface (EMI) DRAM Timing
MOTOROLA
DSP56004/D, Rev. 3
2-11
65 WR Deassertation to
CAS Assertion
tRCS
slow
fast
9
× T
C – 11
6
× T
C – 11
169
109
—
—
125
80
—
—
100
63.1
—
—
ns
ns
66 CAS Assertion to WR
Deassertation
tWCH
slow
fast
3
× T
C – 13
2
× T
C – 13
47
27
—
—
32
17
—
—
24
11.7
—
—
ns
ns
67 Data Valid to CAS
Assertion
(Data Setup Time)
tDS
TL – 6
4—2—
0.2
—
ns
68 CAS Assertion to Data
Not Valid (Data Hold
Time)
tDH
slow
fast
3
× T
C + TH –
14
2
× T
C + TH –
14
56
36
—
—
39
24
—
—
29.2
16.8
—
—
ns
ns
69 RAS Assertion to Data
Not Valid
tDHR
slow
fast
7
× T
C + TH –
14
5
× T
C + TH –
14
136
96
—
—
100
69
—
—
78.6
53.9
—
—
ns
ns
70 WR Assertion to CAS
Assertion
tWCS
slow
fast
4
× T
C – 14
3
× T
C – 14
66
46
—
—
47
31
—
—
35.4
23
—
—
ns
ns
71 WR Assertion Pulse
Width (Single Cycle
Only)
tWP
slow
fast
7
× T
C – 9
5
× T
C – 9
131
91
—
—
97
67
—
—
77.4
52.7
—
—
ns
ns
72 RAS Assertion to WR
Deassertation
(Single Cycle Only)
tWCR
slow
fast
7
× T
C – 15
5
× T
C – 15
125
85
—
—
91
61
—
—
71.5
46.7
—
—
ns
ns
73 WR Assertion to Data
Active
slow
fast
3
× T
C + TH –
13
2
× T
C + TH –
13
57
37
—
—
40
25
—
—
30.2
17.9
—
—
ns
ns
74 RD or WR Assertion to
RAS Deassertation
(Single Cycle Only)
tROH,
tRWL
slow
fast
7
× T
C – 13
5
× T
C – 13
127
87
—
—
93
63
—
—
73.4
48.7
—
—
ns
ns
Note:
1.
n is the number of successive accesses. n = 2, 3, 4, or 6.
Table 2-8
External Memory Interface (EMI) DRAM Timing (Continued)
No.
Characteristics
Symbol
Timing
Mode
Expression
50 MHz
66 MHz
81 MHz
Unit
Min Max Min Max Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com