Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004/D Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
1-10
DSP56004/D, Rev. 3
MOTOROLA
Signal/Connection Descriptions
Serial Host Interface (SHI)
SERIAL HOST INTERFACE (SHI)
The Serial Host Interface (SHI) has five I/O signals, which may be configured to
operate in either SPI or I2C mode. Table 1-8 lists the SHI signals.
Table 1-8
Serial Host Interface (SHI) signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
SCK
SCL
Input or
Output
Input or
Output
Tri-stated
SPI Serial Clock (SCK)
—The SCK signal is an output
when the SPI is configured as a master, and a Schmitt-
trigger input when the SPI is configured as a slave. When
the SPI is configured as a master, the SCK signal is
derived from the internal SHI clock generator. When the
SPI is configured as a slave, the SCK signal is an input,
and the clock signal from the external master
synchronizes the data transfer. The SCK signal is ignored
by the SPI if it is defined as a slave and the Slave Select
(SS) signal is not asserted. In both the master and slave
SPI devices, data is shifted on one edge of the SCK signal
and is sampled on the opposite edge where data is stable.
Edge polarity is determined by the SPI transfer protocol.
I2C Serial Clock (SCL)
—SCL carries the clock for bus
transactions in the I2C mode. SCL is a Schmitt-trigger
input when configured as a slave, and an open-drain
output when configured as a master. SCL should be
connected to VCC through a pull-up resistor. The
maximum allowed internally generated bit clock
frequency is
F
osc/
4 for the SPI mode and
F
osc/
6 for the
I2C mode where Fosc is the clock on EXTAL. The
maximum allowed externally generated bit clock
frequency is
F
osc/
3 for the SPI mode and
F
osc/
5 for the
I2C mode. This signal is tri-stated during hardware reset,
software reset, or individual reset (no need for external
pull-up in this state).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com